PART |
Description |
Maker |
HCPL-7800AOPTION300 HCPL-7800BOPTION300 HCPL-7800A |
ISOLATION AMPLIFIER, 3750 V ISOLATION-MIN, 85 kHz BAND WIDTH, PDSO8 High CMR Isolation Amplifiers 高CMR隔离放大
|
Amphenol, Corp. Agilent Technologies, Inc. Avago Technologies, Ltd.
|
HCPL-7825OPTION500 HCPL-7825OPTION300 HCPL-7820OPT |
ISOLATION AMPLIFIER, 3750 V ISOLATION-MIN, 200 kHz BAND WIDTH, PDSO8
|
Agilent Technologies, Inc. Sumida, Corp.
|
ZX60-M-SERIES ZX60-2510M ZX60-2514M ZX60-2522M ZX6 |
High Isolation Amplifiers 50з, 0.5 to 5.9 GHz 500 MHz - 2500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER High Isolation Amplifiers 50? 0.5 to 5.9 GHz From old datasheet system High Isolation Amplifiers 50/ 0.5 to 5.9 GHz
|
MINI[Mini-Circuits]
|
ZSWA-4-30DR |
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-55 Switch High Isolation, SP4T, 50 DC to 3 GHz Switch High Isolation, SP4T, 50з DC to 3 GHz Switch High Isolation/ SP4T/ 50 DC to 3 GHz
|
开 MINI[Mini-Circuits]
|
PS2801-1-F3-A PS2801-4-V-F4 PS2801-1-V-F3 PS2801-1 |
nullHIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE
|
California Eastern Labs
|
KB817C KB817CD KB817 KB817AB KB817AC KB817AD KB817 |
High Isolation Voltage Photocoupler GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright, Corp.
|
S553-5006-JF S553-5999-12 S553-5999-10 |
TOKENRINGTRANSFORMERS IMPEDANCE MATCHING AND ISOLATION TRANSFORMERS DATACOM TRANSFORMER FOR TOKEN RING APPLICATION(S) TOKENRINGTRANSFORMERS IMPEDANCE MATCHING AND ISOLATION TRANSFORMERS TOKENRINGTRANSFORMERS阻抗匹配和隔离变压器
|
Bel Fuse, Inc.
|
ADG918BCP ADG919BCP ADG919 ADG918 ADG918BRM ADG919 |
Wideband, 43dB Isolation 1GHz, CMOS 1.65 V to 2.75V, 2:1 Mux/SPDT Switches 宽带,四三分贝隔GHz时的CMOS 1.65 V.75V的,2:1复用/ SPDT开 Wideband 43dB Isolation 1GHz CMOS 1.65 V to 2.75V 2:1 Mux/SPDT Switches Wideband/ 43dB Isolation 1GHz/ CMOS 1.65 V to 2.75V/ 2:1 Mux/SPDT Switches Wideband, 43 dB Isolation @ 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
C431T C431 C431E C431M C431N C431P C431PA C431PB C |
ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 1800V, 600A phase control single thyristor
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
MAU416 MAU400 MAU401 MAU402 MAU403 MAU404 MAU405 M |
1 Watt Ultra High In/Out Isolation SIP DC/DC Converters 1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
|
etc TOTAL-POWER[Total Power International]
|