PART |
Description |
Maker |
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
AWT6138M7P8 AWT6138 |
The AWT6138 PCS CDMA Power Amplifier is a high performance CDMA2000/1XRTT amplifier designed specifically for PCS wireless applications. LINEAR POWER AMPLIFIER MODULE
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
CMM1434-SM-0G0T CMM1434-SM07 |
13.50-14.50 GHz 2.5-Watt Power Amplifier 13500 MHz - 14500 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13.50-14.50 GHz 2.5-Watt Power Amplifier 13.50-14.50吉赫2.5瓦功率放大器
|
Mimix Broadband, Inc.
|
TGA9083-EEU TGA9083 |
TV 6C 6#8(TWIN) PIN PLUG RECP RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER Monolithic Power Amplifier
|
TriQuint Semiconductor, Inc. TRIQUINT[TriQuint Semiconductor]
|
2SC479306 2SC4793-06 2SC4793FM 2SC4793M |
Power Amplifier Applications Driver Stage Amplifier Applications Silicon NPN Epitaxial Type Power Amplifier Applications
|
Toshiba Semiconductor
|
BA5152F A5800531 |
Audio LSIs > Power amplifier 1.5V / 15mW dual power amplifier From old datasheet system
|
ROHM[Rohm]
|
2SA1425 E000527 |
TRANSISTOR (POWER AMPLIFIER/ DRIVER STAGE AMPLIFIER APPLICATIONS) From old datasheet system TRANSISTOR (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS) 晶体管(功率放大器,放大器的驱动程序
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
MWS11-PH22 MWS11-PH22-CS MWS11-2 |
CMDA Power Amplifier 医师协会功率放大 WCDMA InGaP HBT Power Amplifier
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
U5T12.12.5 R5T12.2.5 U28S15.45 U28S24.4 R28D15.22 |
Low power quad operational amplifiers High power 3-phase auxiliary power supply evaluation board based on L5991 and ESBT STC08DE150HV Evaluation board using 1x SD3932 for HF transmitters VIPer12A travel adaptor 3.6W output Analog IC 模拟IC RF power amplifier using 1 x PD55008 N-channel enhancement-mode lateral MOSFETs 模拟IC RF power amplifier using 1 x PD55008L 模拟IC
|
Electronic Theatre Controls, Inc. KEMET Corporation Bourns, Inc. MITSUMI ELECTRIC CO., LTD.
|
AT49BV040- AT49LV040 AT49BV040 AT49BV-LV040 AT49BV |
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier; Package: LLP; No of Pins: 8 LM4663 Boomer ® Audio Power Amplifier Series 2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 24 512K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4549A AC '97 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound; Package: LQFP; No of Pins: 48 LM4664 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.1W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MF-MSMD MF-MSMD075 |
19 - 38 GHz Medium Power Amplifier Ka-Band Packaged 1 W Power Amplifier
|
Bourns Inc.
|