PART |
Description |
Maker |
AAT3524IGY-4.38-200-T1 AAT3520 AAT3520IGY-2.32-200 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 MicroPower Microprocessor Reset Circuit MicroPower垄芒 Microprocessor Reset Circuit MicroPower⑩ Microprocessor Reset Circuit
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
IS80C286-20 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 20 MHz, MICROPROCESSOR, PQCC68
|
Intersil, Corp.
|
INTEL386 KU80386EXTB-20 KU80386EXTB-25 KU80386EXTC |
Microprocessor, Intel386 core, 33MHz Microprocessor, Intel386 core, 25MHz Microprocessor, Intel386 core, 20MHz Intel386 EX Embedded Microprocessor
|
INTEL[Intel Corporation]
|
79RC32364 79RC32V364100DA 79RC32V364100DAI 79RC32V |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISControllerTM Embedded 32-bit Microprocessor RC32364 Advanced 32-Bit RISC Embedded Microprocessor
|
http:// IDT[Integrated Device Technology]
|
HD6417750SVF133 HD6417750VF128 HD6417750SBP200 HD6 |
1.5V; 133MHz; 32-bit RISC microprocessor 1.5V; 128MHz; 32-bit RISC microprocessor 1.95V; 200MHz; 32-bit RISC microprocessor 1.8V; 167MHz; 32-bit RISC microprocessor 1.5V; 200MHz; 32-bit RISC microprocessor
|
Hitachi Semiconductor
|
ADM810JART-REEL ADM810JART-REEL-7 ADM810LART-REEL- |
0.3-6V; 20mA; 320mW; microprocessor supervisory circuit. For microprocessor systems, computers, controllers, intelligent instruments, automotive systems
|
Analog Devices
|
MR80C88-2B 5962-8601601QA |
CMOS 8/16-Bit Microprocessor 16位产品的CMOS微处理器 CMOS 8/16-Bit Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
3602-12-72 3650-12-52 3650-05-92 3660-05-92 3660-1 |
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
|
Bivar, Inc. Pomona Electronics Xicon Passive Components
|
SA-1110 27824105 GDS1110BB GDS1110AB |
StrongARM Microprocessor From old datasheet system Intel-R StrongARM SA-1110 Microprocessor
|
Intel Corp. INTEL[Intel Corporation]
|
38721-7312 38721-7306 38721-7308 38721-7304 38721- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 2种方式结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-5 8路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 12未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 10未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 6未来路结核病 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 72-8 2种方式结核病 25 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
复位半导 Harwin PLC Ironwood Electronics MOLEX INC
|
ADM70508 ADM705ARZ ADM705ARZ-REEL ADM705AN ADM705A |
Low Cost Microprocessor Supervisory Circuit; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Low Cost Microprocessor Supervisory Circuits 3 V, Voltage Monitoring Microprocessor Supervisory Circuit; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Low Cost Microprocessor Supervisory Circuits
|
Analog Devices, Inc. ANALOG DEVICES INC
|