PART |
Description |
Maker |
IRF460 IRF460NBSP IRF460PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AE package HEXFET?TRANSISTORS 500V, N-CHANNEL N-Channel Enhancement MOSFET From old datasheet system TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21) REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?TRANSISTORS THRU-HOLE (TO-204AA/AE)
|
IRF[International Rectifier]
|
IRF830AL IRF830AS |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 500V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A) Power MOSFET(Vdss=500V/ Rds(on)max=1.40ohm/ Id=5.0A)
|
IRF[International Rectifier]
|
IRFP460P IRFP460PPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
|
IRF[International Rectifier]
|
IRFP17N50L |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRFP460LC IRFP460LCPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
FA38SA50LC |
500V Single N-Channel HEXFET Power MOSFET in a SOT-227 (Iso) package
|
IRF[International Rectifier]
|
IRFPS37N50A |
500V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package
|
International Rectifier
|
AM29F002BB-120EE AM29F002BB-120EI AM29F002BB-120JC |
-55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF5305S with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF5210S with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF9520NS with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9540NPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024N with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; A IRLIB9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package; A IRF5305L with Standard Packaging -150V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR6215 with Lead Free Packaging -30V Single P-Channel HEXFET Power MOSFET in a Micro 8 package; A IRF7726 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024N with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7204 with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU5410 with Lead Free Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9530NS with Tape and Reel Right Packaging -150V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF6215PBF with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9540NS with Tape and Reel Left Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF9Z34NS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305PBF with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7406 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-262 package; A IRF4905L with Standard Packaging -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU6215 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR5305 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z34N with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF9530NS with Lead Free Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7204 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9540NS with Standard Packaging -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7233 with Lead Free Packaging -40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7241 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5210 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU5305 with Standard Packaging -40V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package; A IRF7704 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a TO-247AC package; Similar to IRFP9140N with Lead Free Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to SI4435DY with Lead Free Packaging -40V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package; Similar to IRF7704 with Lead-Free Packaging. -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7210 with Lead-Free Packaging. -100V Single P-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF5210L with Lead Free Packaging x8闪存EEPROM x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFI840GLC IRFI840GLCPBF |
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=4.5A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFB17N50L IRFB17N50LPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)typ.=0.28ohm/ Id=16A)
|
IRF[International Rectifier]
|
IRFP460N IRFP460NPBF |
Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)最大值\u003d 0.24ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|