PART |
Description |
Maker |
CY7C1049-17VC CY7C1049 CY7C1049-20VM CY7C1049-15VC |
Plastic Connector Backshell; Enclosure Material:Polyester; Enclosure Color:Black; Features:For: 101XX-300VE Mini D Ribbon Solder Plugs; No. of Positions:14 RoHS Compliant: Yes 512K X 8 STANDARD SRAM, 20 ns, PDSO36 BACKSHELL, MDR, 20WAY, METAL; For use with:Mini D Ribbon 101XX-6000 EC Plug Connectors; Material:Aluminum; Colour:Nickel; Connector type:Backshell; Ways, No. of:20 RoHS Compliant: Yes 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Plastic Connector Backshell; Enclosure Material:Plastic; Approval Bodies:UL, CSA; Enclosure Color:Beige; Leaded Process Compatible:No; No. of Positions:26; Peak Reflow Compatible (260 C):No RoHS Compliant: No 512K x 8 Static RAM Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
AIA-50L1-12-05-1-ZB AIA-50L1-24-16-1-ZB AIA-50L1-2 |
BACKSHELL 5015 SIZE 12 BACKSHELL 5015 SIZE 24 BACKSHELL 62GB SIZE 8 Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer PLUG GROMMET 5 WAY 62GB BACKSHELL 5015 SIZE 28 BACKSHELL 5015 SIZE 14 BACKSHELL 5015 SIZE 18 PLUG GROMMET 6 WAY 62GB PLUG GROMMET 32 WAY 62GB PLUG GROMMET 10 WAY 62GB PLUG GROMMET 3 WAY 62GB PLUG GROMMET 08 WAY 62GB PLUG GROMMET 26 WAY 62GB DUST CAP SIZE 16 62GB DUST CAP SIZE 08 62GB PLUG GROMMET 19 WAY 62GB Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 防尘盖尺10 62GB BACKSHELL 5015 SIZE 22 后壳5015尺寸22 BACKSHELL 62GB SIZE 10 后壳62GB尺寸10 BACKSHELL 62GB SIZE 12 后壳62GB尺寸12 BACKSHELL 62GB SIZE 14 后壳62GB尺寸14 BACKSHELL 62GB SIZE 16 后壳62GB尺寸16 BACKSHELL 62GB SIZE 18 后壳62GB尺寸18 Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 插座垫圈5未来2GB
|
Grayhill, Inc. Cinch Connectors TE Connectivity, Ltd. Amphenol, Corp.
|
TF2-5V TF2-L2-H-9V TF2-24V TF2-3V TF2-4.5V TF2-48V |
CONNECTOR ACCESSORY D52 - BACKSHELL ENVIRON STRT MIL D21 - BACKSHELL ENVIRON STRT MIL SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 小极化继电器,灵敏度
|
NAIS[Nais(Matsushita Electric Works)] NAIS[Matsushita Electric Works(Nais)] Panasonic Industrial Solutions Nais(Matsushita Electri...
|
527297B 527297J 527297LF 527297M 527297N 527297NC |
Split Backshell
|
Glenair, Inc.
|
320CS002B16 320CS002C16 320CS002G16 320CS002M16 32 |
Extender Backshell
|
Glenair, Inc.
|
527164NF01R |
Backshell Assembly
|
Glenair, Inc.
|
360CS002M16 360SA002M16 360DB002M16 360SS002M16 36 |
Non-Environmental Backshell
|
Glenair, Inc.
|
527-047 527-047MP1 527-047MP2 527-047MP3 527-047CP |
Multi-Function Backshell
|
Glenair, Inc.
|
A-DS09-HOOD-WP-R A-DS15-HOOD-WP-R A-DS25-HOOD-WP-R |
WATERPROOF D-SUB BACKSHELL W/DB MALE, STANDARD
|
Assmann Electronics Inc.
|
710-112M3F16 |
Metal Split Rectangular Backshell
|
Glenair, Inc.
|
ITHG06A18PW ITHG06A18PX ITHG06A18PY ITHG06A18PZ IT |
Sraight Plug with Accessory Backshell
|
Glenair, Inc.
|