PART |
Description |
Maker |
VBO36-12NO8 VBO20-16NO2 VBE20-20NO1 FBO40-12N VBO6 |
3 PHASE, 30 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 31 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 20 A, 2000 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridgein ISOPLUS i4-PAC-TM 40 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 65 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|
W06M W04M RB151 W02M W005M W08 W01 W06 W10 W01M W0 |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:1.5A 1.5A Single Phase Silicon Bridge 1.5A SINGLE - PHASE SILICON BRIDGE 1.5ASinglePhaseSiliconBridge
|
Chenyi Electronics SEMTECH[Semtech Corporation]
|
KBPC15005 KBPC1510 KBPC1501 KBPC1502 KBPC1504 KBPC |
Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP -40 to 125 SINGLE PHASE SILICON SINGLE PHASE SILICON SINGLE PHASE SILICON BRIDGE RECTIFIER Voltage: 50 TO 1000V CURRENT:15A
|
涓?捣???绉???????? CHENYI[Shanghai Lunsure Electronic Tech] Chenyi Electronics
|
VUO30-14NO3 VUO30-18NO3 VUO30 VUO30-08NO3 VUO30-12 |
Three Phase Rectifier Bridge 3 PHASE, 50 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE Three Phase Rectifier Bridge 3 PHASE, 50 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
DBF150 DBF150C DBF150G |
Silicon Diffused Junction Type 15A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
DBI25005 DBI25-005 DBI25-01 DBI25-02 DBI25-04 DBI2 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LAMBDA PART RoHS Compliant: Yes 3 PHASE, 4 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE XTAL CER SMT 6X3.5 2PAD Front Panel Terminals; For Use With:Lambda ZUP Series Switch Mode Power Supplies CRYSTAL OSCILLATOR CITIZEN CS1016.000MABJTR 16MHZ CS10
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
KBPC606 KBPC610 KBPC600 KBPC601 KBPC602 KBPC604 KB |
100V Bridge in a D-72 package SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
|
International Rectifier JGD[Jinan Gude Electronic Device]
|
KBL602 KBL606 KBL601 KBL603 KBL604 KBL605 KBL607 |
Bridge: Standard From old datasheet system Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
|
Taiwan Semiconductor ETC[ETC] List of Unclassifed Manufacturers
|
MB354 KBPC3502 KBPC35005 KBPC3508 KBPC3504 KBPC351 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-SOIC -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
SHB636053E |
HIGH VOLTAGE SILICON CARBIDE SINGLE PHASE FULL WAVE BRIDGE 5 A, SILICON CARBIDE, BRIDGE RECTIFIER DIODE
|
Sensitron Semiconductor
|