PART |
Description |
Maker |
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
BC337BU BC33725TAR BC33740TANL BC33716TAR BC33716T |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Zetex Semiconductor PLC Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
SFBFX86 BFX86 BFX86.MODE4 |
1000 mA, 35 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar NPN Device
|
SEMELAB LTD SEME-LAB[Seme LAB]
|
MPS6724RLRAG |
One Watt Darlington Transistors NPN Silicon 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor
|
MMBT123S-13 |
1000 mA, 18 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
KSD1021OJ18Z KSD1021OJ05Z |
1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2N3019-JQR-BE4 |
1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
SEMELAB LTD
|
FMMT489TA |
1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
BCX54 |
1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
2N6724 2N6725 2N6724STOA 2N6724STOB 2N6724STZ |
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Darlington Transistor
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
FMMT491 FMMT491TA |
Medium power NPN transistor in SOT23 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN
|
Diodes Incorporated Diodes, Inc.
|
BC639-16 BC637 |
High Current Transistor NPN Silicon(硅NPN大电流晶体管) 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
|