PART |
Description |
Maker |
AD565A |
(AD565A / AD566A) High Speed 12-Bit Monolithic D/A Converters
|
Maxim Integrated Products
|
2SK3084 EA09398 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N通道马鞍山型(高速,大电流开关,斩波调压器,DC - DC变换器和电机驱动应用 HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
IDT7133LA IDT7133SA IDT7143LA IDT7143SA IDT7133LA5 |
HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K x 16 Dual-Port RAM HIGH SPEED 2K X 16 DUAL-PORT SRAM HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, PQCC68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 35 ns, CQFP68 30V N-Channel Logic Level PowerTrench MOSFET; Package: SuperSOT; No of Pins: 3; Container: Tape & Reel 2K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 25 ns, PQCC68 150V N-Channel UltraFET Trench MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 2K X 16 DUAL-PORT SRAM, 25 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 25 ns, CPGA68 INDUCT 22.8UH 4.9A 260KHZ KLIPMT 2K X 16 DUAL-PORT SRAM, 25 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 高K × 16的CMOS双端口静态存储器 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 45 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 45 ns, PQCC68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 45 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 高2K × 16的CMOS双端口静态存储器 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, PQCC68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 35 ns, CPGA68 400V N-Channel MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 2K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 35 ns, PQCC68 100V N-Channel Trench MOSFET 2K X 16 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 55 ns, PQCC68
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
HI1-565AJD-5 HI1-565AKD-5 HI1-565ASD_883 HI1-565AS |
From old datasheet system High Speed Monolithic D/A Converter with Reference High Speed, Monolithic D/A Converter with Reference CIRCUIT BREAKER High Speed/ Monolithic D/A Converter with Reference 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN
|
INTERSIL[Intersil Corporation]
|
ACT-PS512K8W-012L2I ACT-PS512K8Y-017L2T ACT-PS512K |
High speed 4 Megabit plastic monolithic SRAM. Options burn-in. Speed 12ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 17ns. High speed 4 Megabit plastic monolithic SRAM. Options none. Speed 10ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle. Speed 15ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 25ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 20ns.
|
Aeroflex Circuit Technology
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
BC846-BC850 Q62702-C1746 Q62702-C1772 Q62702-C1885 |
From old datasheet system NPN Silicon AF Transistors (For AF input stages and driver applications High current gain) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SOIC -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flops with 3-State Outputs 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BC847AF BC847BF BC847CF BC847F BC848BF BC846BF BC8 |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 16-PDIP -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
ICE2A0XXX Q67040-S4542 Q67040-S4546 Q67040-S4541 Q |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-PDIP -55 to 125 High Speed CMOS Logic Hex Inverting Buffers 16-SO -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-SO -55 to 125 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 离线式开关电源电流模式控制器,集成了650V / 800V的的CoolMOS
|
Infineon Technologies AG
|
KSC2335F KSC2335 |
High Speed/ High Voltage Switching High Speed, High Voltage Switching NPN Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|