PART |
Description |
Maker |
SCH2201 |
NPN NPN NPN Epitaxial Planar Silicon Transistor Switching, Driver Applications
|
Sanyo Semicon Device
|
PMP4501G PMP4501V PMP4501Y PMP4501Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2N2369AU 2N2369AUA 2N2369AUB 2N4449 2N4449UA 2N444 |
NPN SILICON SWITCHING TRANSISTOR 200 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AB NPN BIPOLAR TRANSISTOR NPN Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
2SD1616A 2SD1616 D1616 2SD1616AU 2SD1616-L |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN SILICON TRANSISTORS NPN硅三极管 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1A I(C) | TO-92
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
2SC3981 2SC3981A |
TRANS NPN 40V 350MW SMD SOT23 5 A, 800 V, NPN, Si, POWER TRANSISTOR Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching)
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
PEMH9 PIMH9 PUMH9 PUMH9125 |
NPN-NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=10千欧姆,R2=47千欧 NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN/NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PEMH13 PUMH13 |
NPN/NPN resistor-equipped transistors; R1 = 4.7 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=4.7千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
SDT13204 SDT1617 SDT1618 SDT1621 SDT1622 SDT1623 S |
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 450V V(BR)CEO | 10A I(C) | TO-210AC
TRANSISTOR | BJT | NPN | 175V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 200V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 125V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 5A I(C) | TO-3
TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 10A I(C) | TO-39 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-5 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 550V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 700V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-66 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | STR-10 TRANSISTOR | BJT | NPN | 600V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | NPN | 750V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 800V V(BR)CEO | 5A I(C) | TO-3 晶体管|晶体管|叩| 60V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 40V的五(巴西)总裁| 5A条一c)|11 晶体管|晶体管|叩| 80V的五(巴西)总裁| 5A条一c)|11 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | NPN | 120V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 10A条一(c)|10AC TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 5A I(C) | TO-5 晶体管|晶体管|叩| 50V五(巴西)总裁| 5A条一(c)| TRANSISTOR | BJT | NPN | 400V V(BR)CEO | 10A I(C) | TO-210AC 晶体管|晶体管|叩| 400V五(巴西)总裁| 10A条一(c)|10AC
|
Serpac Electronic Enclosures Atmel, Corp. AUK, Corp.
|
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|