PART |
Description |
Maker |
1N40 1N40L-TA3-T 1N40L-T92-B 1N40L-T92-K 1N40G-T92 |
1 Amps, 400 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
2N40L-TA3-T 2N40G-TA3-T |
2 Amps, 400 Volts N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
MTD2N40E-D |
Power MOSFET 2 Amps, 400 Volts N-Channel DPAK
|
ON Semiconductor
|
NTMS4P01R2 NTMS4P01R2/D NTMS4P01R2-D |
Power MOSFET -4.5 Amps, -12 Volts P-Channel Enhancement-Mode Single SO-8 Package Receptacle With A Standard Tail Power MOSFET -4.5 Amps-12 Volts
|
ON Semiconductor
|
NTP75N03-06 NTB75N03-06 NTB75N03-06T4 NTP75N03-006 |
Power MOSFET 75 75Power MOSFET 75 75 Power MOSFET 75 Amps, 30 Volts N-Channel TO-220(75A,30V,N通道,TO-220封装的功率MOSFET) Power MOSFET 75 Amps, 30 Volts N−Channel TO−220 and D2PAK
|
ONSEMI[ON Semiconductor]
|
PPF360M |
N Channel MOSFET; Package: TO-254; ID (A): 14; RDS(on) (Ohms): 0.2; PD (W): 200; BVDSS (V): 400; Rq: 0.63; 23 A, 400 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
RM912 |
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz) CDMA/AMPS 3-4 Volt Power Amplifier (824?849 MHz)
|
ETC Conexant Systems, Inc
|
MTW32N20E MTW32N20E-D |
Power MOSFET 32 Amps, 200 Volts N-Channel TO-247 Power MOSFET 32 Amps, 200 Volts(32A,200V的功率MOSFET)
|
ON Semiconductor
|
MTB2P50ET4 MTB2P50ET4G MTB2P50E |
Power MOSFET 2 Amps, 500 Volts(2A, 500V功率MOSFET) 2 A, 500 V, 6 ohm, P-CHANNEL, Si, POWER, MOSFET Power MOSFET 2 Amps, 500 Volts P−Channel D2PAK
|
ON Semiconductor
|
IRF9Z34-001PBF IRF9543-003PBF IRF9543-005PBF IRF95 |
18 A, 60 V, 0.14 ohm, P-CHANNEL, Si, POWER, MOSFET 16 A, 80 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 80 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 9.7 A, 60 V, 0.28 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 500 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET 2.1 A, 1000 V, 6.7 ohm, N-CHANNEL, Si, POWER, MOSFET 2.8 A, 800 V, 3.8 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 19 A, 80 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET 7 A, 450 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET 1.7 A, 400 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Vishay Intertechnology, Inc. Intersil, Corp. VISHAY INTERTECHNOLOGY INC
|
2SC2356 |
SILICON HIGH SPEED TRIPLE DIFFUSED NPN POWER TRANSISTOR 10 AMP,400 VOLT
|
Fujitsu Microelectronics
|
|