PART |
Description |
Maker |
AAT3218IJS-3.5-T1 AAT3218 AAT3218IGV-1.2-T1 AAT321 |
150mA MicroPower High Performance LDO 150mA MicroPower垄芒 High Performance LDO 150mA MicroPower⑩ High Performance LDO
|
Advanced Analogic Technologies AAT[Advanced Analog Technology, Inc.]
|
MIC5322-3.0/2.85YMT MIC5322-3.0/2.8YMT MIC5322-3.0 |
Dual, High Performance 150mA μCap ULDO
|
Micrel Semiconductor
|
FSP2150 FSP2150CAAD FSP2150CBAD |
DUAL 150MA HIGH PERFORMANCE MOBILE LDOTM IN SOT23-6L
|
FOSLINK SEMICONDUCTOR CO.,LTD
|
AAT3218IJS-1.25-T1 |
150mA MicroPowerHigh Performance LDO 150mA的微功耗高性能的LDO 150mA MicroPower??High Performance LDO
|
Advanced Analog Technology,lnc. Advanced Analog Technology, Inc.
|
AAT3218 AAT3218IGV-1.2-T1 AAT3218IGV-1.5-T1 AAT321 |
150mA MicroPower High Performance LDO 150mA MicroPower⑩ High Performance LDO Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:CMR Rated; Conductor Material:Copper; Features:Augmented Category 6, CMR Rated RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:CMR Rated; Features:Augmented Category 6, CMR Rated; Jacket Color:Blue RoHS Compliant: Yes CB 17C 17#16 PIN RECP BOX 150mA MicroPowerHigh Performance LDO 150mA的微功耗高性能的LDO UNKNOWN 150mA的微功耗高性能的LDO 150mA MicroPower??High Performance LDO
|
ANALOGIC TECH ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
MIC5317-3.0YMT MIC5317-3.0YM5 MIC5317-3.0YD5 MIC53 |
High-Performance Single 150mA LDO
|
Micrel Semiconductor
|
KIC3213MF12 KIC3213MF13 KIC3213MF14 KIC3213MF15 KI |
150mA CMOS High Performance LDO Regulator
|
KEC(Korea Electronics)
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AME8750 |
Low-Dropout
150mA / 150mA Dual CMOS Regulator
|
AME
|
22V10 GAL22V10 GAL22V10C-5LJ GAL22V10C-7LJ GAL22V1 |
148 DCCE37S HighPerformanceE2CMOSPLDGenericArrayLogic Single LVDS Receiver Bus LVDS Dual 2x2 Crosspoint/Repeater PCB; Leaded Process Compatible:No; PCB Type:4 Channel I/O Rack; Peak Reflow Compatible (260 C):No; Size:3.5 x 3.5 in; Thickness:2.32" RoHS Compliant: No EE PLD, 15 ns, PQCC28 MR Series Rocker, 1 lamp circuit (Clear Red) miniature rectangle housing, SPDT, 2 position, Quick-connect, Snap-in panel, Silver alloy contacts EE PLD, 7.5 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 10 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 20 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC28 High Performance E2CMOS PLD Generic Array Logic EE PLD, 4 ns, PQCC28 Electrically-Erasable PLD EE PLD, 15 ns, PDIP24 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP24 SOTiny Single LVDS Driver EE PLD, 5 ns, PQCC28
|
http:// Lattice Semiconductor Corporation LatticeSemiconductor Lattice Semiconductor, Corp.
|
SP202E SP202ECN SP202ECP SP202ECT SP202EEN SP202EE |
DUAL LINE TRANSCEIVER, PDIP16 High-Performance RS-232 Line Drivers/Receivers 5V High Performance RS232 Transceivers High Speed, Low Power Quad RS-422 Differential Line Receiver High Speed, 3.3V Quad RS-422 Differential Line Driver
|
EXAR CORP SIPEX[Sipex Corporation]
|