PART |
Description |
Maker |
PIC16F818 PIC16F819 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp This powerful (200 nanosecond instruction execution) yet easy–to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upward
|
Microchip
|
Q67106-H5157 SDA5649 SDA5649X Q67100-H5156 |
From old datasheet system Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
ATTINY26 ATTINY26-16MC ATTINY26-16MI ATTINY26-16PC |
8-bit Microcontroller with 2K Bytes Flash 2K Flash Program Memory, 160 Bytes SRAM, 128 Bytes EEPROM, 11 Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 8 MIPS throughput at 8 MHz. 3-volt operation 2K Flash Program Memory, 128 Bytes SRAM, 128-Byte EEPROM, 11-Channel 10-bit A/D converter. Universal Serial Interface. High Frequency PWM. Up to 16 MIPS throughput at 16 MHz 75 1% 1/16W 0402
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
AT24C64 AT24C64-10PC AT24C64-10PC-1.8 AT24C64-10PC |
128 x 64 pixel format, LED or EL Backlight available 2-WireSerialEEPROM ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015 M Series (0.4") I/O Module 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Quadruple 2-Input Positive-OR Gates 14-VQFN -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CAP 2.2UF 16V 10% TANT SMD-3216-18 TR-13 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Hex Buffers And Line Drivers With 3-State Outputs 16-SSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
ATMEL[ATMEL Corporation] Atmel Corp. ATMELCorporation Atmel, Corp. ATM Electronic, Corp. TE Connectivity, Ltd.
|
PIC16C505-04E/JW PIC16LC505-04/SLXXX PIC16LC505-04 |
8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP14 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|14PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |专科| 14PIN |塑料 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|14PIN|CERAMIC 单片机| 8位|知情同意的CPU |的CMOS |双酯| 14PIN |陶瓷 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|14PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |双酯| 14PIN |塑料 单片机| 8位|知情同意CPU |CMOS |双酯| 14PIN |陶瓷
|
Raltron Electronics, Corp. Vicor, Corp. Microchip Technology, Inc.
|
CAT1027 CAT1026 |
Dual Voltage Supervisory Circuit with I2C Serial 2K CMOS EEPROM, Auxiliary Voltage Monitor, Watchdog Monitors WDI Pin Dual Voltage Supervisory Circuit with I2C Serial 2K CMOS EEPROM, Reset Active High & Low, Auxiliary Voltage Monitor
|
Catalyst Semiconductor
|
PIC18F25K80 PIC18F25K80-E/MM PIC18F25K80-E/SO PIC1 |
8-bit PIC Microcontrollers
|
Microchip
|
PIC18F2420-I/SOC01 PIC18F2520-I/SOC01 |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F648A-I/SOC06 |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16C622A-20I/SSHXX |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F73-I/SPVAO |
8-bit PIC Microcontrollers
|
Microchip
|