PART |
Description |
Maker |
LTC3537 |
2.2 MHz, 600mA Synchronous Step-Up DC/DC Converter and 100mA LDO
|
Linear Technology
|
NCP1402 CD54-470L NCP1402SN30T1 NCP1402SN33T1 |
200 mA / PFM Step-Up Micropower Switching Regulator 200 mA/ PFM Step-Up Micropower Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
ON Semiconductor
|
LTC3631IDD-5TRPBF LTC3631EDD-5TRPBF LTC3631IDD-5PB |
LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 85°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: DFN; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: MSOP; Number of Pins: 8; Temperature Range: –40°C to 125°C 0.1 A SWITCHING REGULATOR, PDSO8 LTC3631 - High Efficiency, High Voltage 100mA Synchronous Step-Down Converter; Package: MSOP; Number of Pins: 8; Temperature Range: –40°C to 85°C 0.1 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
HT7750 HT7730 HT7733 HT7727 HT7737 HT77XX |
PFM STEP-UP DC/DC CONVERTER
|
HOLTEK[Holtek Semiconductor Inc]
|
HT9261 |
PFM step-up DC-DC converters
|
TY Semicondutor
|
M7085 |
PFM STEP-DOWN DC-DC CONTROLLER
|
UTC
|
HT7750 |
PFM Step-up DC/DC Converter
|
Holtek Semiconductor In...
|
AT1305B-GRE AT1305 AT1305A AT1305A-GRE AT1305B AT1 |
PFM Step-Up DC/DC Converter with LDO
|
AIMTRON[Aimtron Technology]
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
ST1638-XXS89 ST1638 ST1638-XXS23 |
Step-Up DC/DC Converter High Efficiency PFM
|
STANSON[Stanson Technology]
|