PART |
Description |
Maker |
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
HFA160MD40C |
400V 160A HEXFRED Common Cathode Diode in a TO-244AB Isolated package Ultrafast, Soft Recovery Diode
|
International Rectifier
|
MURB2020CT-1 MUR2020CT MURB2020CT MURB2020CTTRL MU |
200V 20A HEXFRED Common Cathode Diode in a TO-220AB package Ultrafast Rectifier 200V 20A HEXFRED Common Cathode Diode in a D2-Pak (UltraFast) package 200V 20A HEXFRED Common Cathode Diode in a TO-262 package
|
IRF[International Rectifier]
|
HFA16PA120C |
1200V 16A HEXFRED Common Cathode Diode in a TO-247AC package HEXFRED Ultrafast, Soft Recovery Diode HEXFRED Ultrafast/ Soft Recovery Diode
|
IRF[International Rectifier]
|
MURB1620CT MURB1620CT-1 MURB1620CTTRL MURB1620CTTR |
200V 16A HEXFRED Common Cathode Diode in a D2-Pak (UltraFast) package 200V 16A HEXFRED Common Cathode Diode in a TO-262 package
|
International Rectifier
|
HFA120MD40D |
400V 120A HEXFRED Doubler Diode in a TO-244AB Isolated package
|
International Rectifier
|
CD720260OZ CD720460OY CD720160OZ CD720460OZ CD7206 |
; L3 Cache Size (KB): 2048; CMOS: 65nm SOI; Socket: AM2 ; AMD Business Class: No Type: DDR2; GPU Clock (MHz): 480; Memory Clock (MHz): 400; Stream Processing Units: 4 pixel shaders, 2 vertex shaders; ATI CrossFireX Ready THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|100V V(RRM)|80A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|400V V(RRM)|80A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|600V V(RRM)|80A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|800V V(RRM)|80A I(T) THYRISTOR MODULE|DOUBLER|HALF-CNTLD|POSITIVE|1KV V(RRM)|80A I(T) 晶闸管模块|倍增|半CNTLD |阳性| 400V五(无线资源管理)| 80A条疙(T THYRISTOR MODULE|DOUBLER|HALF-CNTLD|NEGATIVE|1.2KV V(RRM)|80A I(T) 晶闸管模块|倍增|半CNTLD |负| 1.2KV五(无线资源管理)| 80A条疙(T
|
Square D by Schneider Electric
|
MURD620CTTR MURD620CT MURD620CTTRL MURD620CTTRR |
200V 6A HEXFRED Common Cathode Diode in a D-Pak package Ultrafast Rectifier
|
IRF[International Rectifier]
|
87CNQ020A 87CNQ020ASM 87CNQ020ASL |
20V 80A Schottky Common Cathode Diode in a D61-8-SL package 20V 80A Schottky Common Cathode Diode in a D61-8-SM package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
HFA08TB120STRR |
1200V 8A HEXFRED Discrete Diode in a D2-Pak (HEXFRED) package
|
International Rectifier
|
82CNQ030SL |
30V 80A Schottky Common Cathode Diode in a D61-8 package
|
International Rectifier
|