PART |
Description |
Maker |
MA824D-12RU MA824D-15RU MA800RU |
4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MA1512D-05RW MA1512D-12RW MA1512D-15RW |
2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
MA312D-09ERW MA312D-12ERW MA312S-15ERW MA312D-05ER |
2:1 Input, 3W DIP, Single & Dual Output DC/DC Con vert ers
|
MicroPower Direct, LLC
|
NMV0515S NMV1215SA NMV0505D NMV0505DA NMV0505S NMV |
3kVDC Isolated 1W Single & Dual Output DC-DC Converters 3kVDC隔离1W的单 3kVDC Isolated 1W Single & Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies] http://
|
LMX358 LMX358AKA-T LMX358ASA LMX358AUA LMX321 LMX3 |
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps DUAL OP-AMP, 6000 uV OFFSET-MAX, 1.3 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / General-Purpose / Low-Voltage / Rail-to-Rail Output Op Amps Single/Dual/Quad/ General-Purpose/ Low-Voltage/ Rail-to-Rail Output Op Amps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor http://
|
SA8026 SA8026DH |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5GHz low voltage fractional-N dual frequency synthesizer
|
NXP Semiconductors
|
MAX450807 MAX4508ESE MAX4508EPE MAX4508CPE MAX4508 |
Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers with Output Clamps DUAL 4-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16 Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
|
Maxim Integrated Products, Inc.
|
RP10-123.3SE06 RP10-1205SEM2 RP10-1205SEN RP10-120 |
10 Watt 2x 1Package Single & Dual Output 10 Watt 2?x 1?Package Single & Dual Output 10 Watt 2” x 1” Package Single & Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP20-483.3SE RP20 RP20-120512TE RP20-120515TE RP20 |
OSC 5V 8PIN CMOS 20瓦单,双 20 Watt Single, Dual & Triple Output 20瓦单,双 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Float Mount; Peak Reflow Compatible (260 C):No RoHS Compliant: No 20 Watt Single, Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
39-28-5261 |
CON-HDR 26 POS .1 CNTR DUAL ROW SH 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
TE Connectivity, Ltd.
|