PART |
Description |
Maker |
NM25C160 NM25C160LEM8 NM25C160LEMT8 NM25C160LEN NM |
16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor]
|
25LC160BT-I_STG 25AA160A-E_MS 25AA160A-E_MSG 25AA1 |
16K SPI Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
25AA160AT-E_STG |
16K SPI Bus Serial EEPROM
|
Microchip Technology
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
25LC160A 25LC160B |
(25LC160A/B) 16K SPI Bus Serial EEPROM
|
Microchip Technology
|
CAT25C03 CAT25C17 |
(CAT25C03 - CAT25C17) 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
|
Catalyst Semiconductor
|
AT25080B-TH-T AT25160B-PU |
IC SRL EEPROM 8K 1.8V 8TSSOP 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 IC SRL EEPROM 16K 1.8V 8PDIP 2K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Atmel, Corp.
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
AT25320 AT25320-10PC AT25320-10PC-1.8 AT25320-10PC |
SPI Serial EEPROMs High Speed CMOS Logic 8-Input NAND Gate 14-TSSOP -55 to 125 SPI Serial EEPROMs 8K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 High Speed CMOS Logic 8-Input Multiplexer with 3-State Outputs 16-SOIC -55 to 125 4K X 8 SPI BUS SERIAL EEPROM, PDIP8 128 x 128 pixel format, LED Backlight available 128 x 128 pixel format, LED or EL Backlight available CAP 220PF 200V 1% NP0(C0G) DIP-2 BULK M-MIL-C-39014 CAP 100PF 200V 10% NP0(C0G) DIP-2 BULK M-MIL-C-39014
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
24LC16 24LC16B 24LC16B-MT 24LC08B-MT 24LC08BMODULE |
8K/16K I 2 C Serial EEPROMs in ISO Micromodules 8K/16K的I 2 C⑩在ISO微型模块串行EEPROM 16K IIC Serial EEPROMs in ISO micromoduls(16K1M次擦写周ISO模块) 8K/16K IIC Sserial EEPROMs in ISO micromoduls(8K1M次擦写周ISO模块) 8K/16K I 2 C ?Serial EEPROMs in ISO Micromodules 8K/16KI2CSerialEEPROMsinISOMicromodules
|
Microchip Technology, Inc. MicrochipTechnology Microchip Technology Inc. http://
|