PART |
Description |
Maker |
AD7899AR-1 |
5 V Single Supply 14-Bit 400 kSPS ADC
|
Analog Devices
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
AD7665ASTZRL AD7665ACPZ AD7650 AD7660 AD7673 |
16-Bit 570 kSPS Bipolar PulSAR® ADC 4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP48 16-Bit, 570 kSPS CMOS ADC 16-Bit, 570 kSPS CMOS ADC
|
Analog Devices, Inc.
|
AD7694 AD7694BRM AD7694BRMRL7 AD7694ARMRL7 AD7694A |
250 kSPS 16-BIT PulSAR® A/D Converter in µSOIC 16-BIT, 250 KSPS PULSAR ADC IN MSOP
|
AD[Analog Devices]
|
AD977BRS AD977ARS AD977ARSZRL AD977AAR AD977AARS A |
16-Bit/ 100 kSPS/200 kSPS BiCMOS A/D Converter 16-Bit, 100 kSPS, Serial I/O A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: Industrial 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP20 16-Bit, 100 kSPS, Serial I/O A/D Converter; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter 3-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 16-Bit, 200 kSPS, Serial I/O A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: Industrial 16-Bit, 200 kSPS, Serial I/O A/D Converter; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial
|
Analog Devices, Inc. International Rectifier, Corp. ANALOG DEVICES INC
|
PTVS13VS1UR PTVS10VS1UR-115 TVS51VS1UR PTVS7V0S1UR |
400 W Transient Voltage Suppressor 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
NXP Semiconductors N.V.
|
403CNQ080 |
400 Amp Schottky Rectifier(400 A 肖特基整流器) 400安培肖特基整流器00甲肖特基整流器)
|
International Rectifier, Corp.
|
NGB8202N NGB8202NT4 |
Ignition IGBT 20 A, 400 V, N-Channel D<sup>2</sup>PAK 20 A, 400 V, N-Channel D2PAK 20 A, 400 V, N−Channel D2PAK
|
ONSEMI[ON Semiconductor]
|
AD7911 AD7911ARM AD7911ARM-REEL AD7911AUJ-R2 AD791 |
2-Channel, 2.35 V to 5.25 V, 250 kSPS, 12-Bit A/D Converter 2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
|
AD[Analog Devices]
|
CS556609 CS5566-ISZ CS5566 |
卤2.5 V / 5 V, 5 kSps, 24-bit ?危 ADC 隆戮2.5 V / 5 V, 5 kSps, 24-bit 楼?楼? ADC
|
Cirrus Logic
|
|