PART |
Description |
Maker |
ICE1PCS01 ICE1PCS01G |
Power Control ICs - PFC-IC for Continuous Conduction Mode in SMD-Package Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
|
Infineon Technologies AG
|
ICE2PCS02 ICE2PCS02G |
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
|
Infineon Technologies AG
|
ICE2PCS03 ICE2PCS03G ICE2PCS0311 |
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM) with Input Brown-Out Protection
|
Infineon Technologies AG
|
NCP165409 NCP1654BD133R2G NCP1654BD200R2G NCP1654B |
NCP1654 - 133KHZ POWER FACTOR CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO8 Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
|
ON Semiconductor
|
MAX270CWP-T MAX271CNG MAX271CWG MAX270CWPT MAX270E |
Digitally Programmable, Dual, 2nd-Order, Continuous Lowpass Filter DUAL CONTINUOUS TIME FILTER, DIGITALLY PROGRAMMABLE, LOWPASS, PDSO20 Digitally Programmable, Dual, 2nd-Order, Continuous Lowpass Filter DUAL CONTINUOUS TIME FILTER, DIGITALLY OR PIN PROGRAMMABLE, LOWPASS, PDIP24 Digitally Programmable, Dual, 2nd-Order, Continuous Lowpass Filter DUAL CONTINUOUS TIME FILTER, DIGITALLY OR PIN PROGRAMMABLE, LOWPASS, PDSO24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
699LP5E HMC699LP5 HMC699LP510 |
7 GHz INTEGER N SYNTHESIZER CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
|
Hittite Microwave Corporation
|
PS710EL-1A-E3-A PS710EL-1A-E4-A PS710E-1A-A PS710E |
6-PIN DIP, 0.08 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC
|
PS7205B-1A1 PS7205B-1A-F3-A PS7205B-1A-E3-A PS7205 |
4-PIN SOP, 0.9 楼? LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 4-PIN SOP, 0.9 Ω LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC
|
WM8521HCGED/V WM8521HCED/RV WM8521H9ED/V WM8521H9G |
STEREO DAC WITH INTEGRATED OUTPUT STAGE FOR 2VRMS LINE OUT CHECK FACTORY FOR OPTIONS 集成立体声DAC输出2Vrms的线路输出阶 CONTINUOUS TIME HALL EFFECT LATCH 集成立体声DAC输出2Vrms的线路输出阶 CONTINUOUS TIME BIPOLAR SWITCH
|
http:// Wolfson Microelectronics PLC
|
LTC1564IGTRPBF LTC1564CGTRPBF LTC1564CGPBF LTC1564 |
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C CONTINUOUS TIME FILTER, PIN PROGRAMMABLE, LOWPASS, PDSO16 10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C CONTINUOUS TIME FILTER, PIN PROGRAMMABLE, LOWPASS, PDSO16
|
Linear Technology, Corp.
|
FLJ-R8LA1 FLJ-R8LA2 FLJ-UR4HB1 |
CONTINUOUS TIME FILTER, RESISTOR PROGRAMMABLE, LOWPASS, QIP40 QIP-40 CONTINUOUS TIME FILTER, RESISTOR PROGRAMMABLE, HIGHPASS, PSIP20
|
DATEL, Inc. DATEL INC
|