PART |
Description |
Maker |
MAX1112-MAX1113 MAX1113EEET MAX1113CEET MAX1112EAP |
5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 5V, Low-Power, Multi-Channel, Serial 8-Bit ADCs 5V,低功耗,多通道,串位ADC 5V / Low-Power / Multi-Channel / Serial 8-Bit ADCs
|
Maxim Integrated Products, Inc.
|
AD6640 AD6640STPCB AD6640ASTZ |
AD6640/AD6620 Multi-Channel, Multi-Mode Receiver Chipset 12-Bit, 65 MSPS IF Sampling A/D Converter
|
Analog Devices
|
MCP3004T-I/SL MCP3004T-I/ST MCP3004-I/P MCP3004-I/ |
The MCP3004 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ... The MCP3008 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making ...
|
Microchip
|
CS5521/22/23/24/28 |
2- or 4-Channel 16-Bit and 24-Bit Buffered Delta Sigma Multi-Range ADC
|
Cirrus Logic
|
AT945 AT94S40AL-25DGI AT94S05 AT94S05AL AT94S05AL- |
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K05AL FPSLIC device and a secure configuration EEPROM in a single 256-pin CABGA package. Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller/ up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K10AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144LQ) package. The Secure FPSLIC combines our AT94K40AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144 LQ) package.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
MCP3004 MCP300X MCP3001 MCP3002 MCP3008 |
The MCP3008 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3008 features a successive approximation register (SAR) The MCP3004 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3004 features a successive approximation register (SAR) The MCP3002 10-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3002 features a successive approximation register (SAR) MCP300X 10-Bit Analog-to-Digital Converters
|
ETC MICROCHIP[Microchip Technology]
|
WM8594SEFT/RV WM8594SEFT/V |
24-bit 192kHz 2Vrms Multi-Channel CODEC
|
Wolfson Microelectronics plc
|
WM8593SEFT/V |
24-bit 192kHz 2Vrms Multi-Channel CODEC
|
Wolfson Microelectronics plc
|
ACSL-6300 ACSL-6420 ACSL-6420-56R ACSL-6420-56T AC |
4 CHANNEL LOGIC OUTPUT OPTOCOUPLER ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% 多通道和双向,15 MBd的数字逻辑门光电耦合 (ACSL6xx0) Multi-Channel and Bi-Directional / 15 MBd Digital Logic Gate Optocoupler (ACSL-6xx0) Multi-Channel and Bi-Directional / 15 MBd Digital Logic Gate Optocoupler ACSL-6210-00R · Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler ACSL-6400-00T · Multi-Channel and Bi-Directional, 15 MBd Digital Logic Gate Optocoupler
|
AGILENT TECHNOLOGIES INC Glenair, Inc. TE Connectivity, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
MCP3202 |
The MCP3202 12-bit Analog-to-Digital Converter (ADC) combines high performance and low power consumption in a small package, making it ideal for embedded control applications. The MCP3202 features a successive approximation register (SAR)
|
Microchip
|
TC850 TC850CLW TC850CPL TC850ILW |
The TC850 is a monolithic CMOS analog-to-digital converter (ADC)with resolution of 15-bits plus sign. It combines a chopper-stabilized buffer and integrator with a unique multiple-slope integration technique that increases conversion speed 15-Bit, Fast Integrating CMOS A/D Converter
|
Microchip Technology
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|