PART |
Description |
Maker |
MC34050P |
Dual EIA-422/423 Transceivers
|
Buffer和线驱动
|
MC3488A MC3488AD MC3488AP1 ON1123 |
From old datasheet system DUAL EIA-423/EIA-232D DRIVER
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
MC3488ADR2 1N4001FF |
Dual EIA-423/EIA-232D Line Driver 1A 50V Standard Rectifier
|
ON Semiconductor
|
MAX3460 MAX3460CPD MAX3460CSD MAX3460EPD MAX3460ES |
5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDSO14 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDIP8 Single LVDS Receiver 5-SOT-23 -40 to 85 Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 " 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers" 5V Fail-Safe 20Mbps Profibus RS-485/ RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers 5V / Fail-Safe / 20Mbps / Profibus RS-485/ RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3070E-MAX3079E MAX3073EASD MAX3070EASD MAX3079E |
3.3V, ??5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 Fixed-Point Digital Signal Processor 697-FCBGA -40 to 105 3.3Vamp;plusmn;15kV ESD保护、失效保护、热插拔、RS-485/RS-422收发 3.3V.±.15kV ESD-Protected.Fail-Safe.Hot-Swap.RS-485/RS-422 Transceivers 3.3Vamp;plusmn;15kV ESD保护、失效保护、热插拔、RS-485/RS-422收发 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO14 3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. 热切电源分布 Maxim Integrated Produc...
|
8104 |
Low Capacitance for EIA RS-232 and EIA RS-422 Applications
|
List of Unclassifed Man...
|
28C010ERPGP-15 28C010ERPGP-12 28C010ERPGI-15 28C01 |
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps High-/Full-Speed USB 2.0 Switches x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM Hex SPDT Data Switch x8的EEPROM
|
Infineon Technologies AG Vishay Intertechnology, Inc. TE Connectivity, Ltd. ITT, Corp. Jameco Electronics
|
MC3486 |
QUAD EIA-422/3 LINE RECEIVER WITH THREE-STATE OUPUTS
|
Motorola
|
ADM3485EARZ-REEL ADM3485EAR-REEL ADM3485EAR-REEL7 |
ESD Protected, EMC Compliant, 3.3V, 12 Mbps, EIA RS-485 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial LINE TRANSCEIVER, PDSO8 ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
|
Analog Devices, Inc.
|
ADM3075EYRZ-REEL7 ADM3075EARZ-REEL7 ADM307EARZ-REE |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,5千伏ESD保护,半和全双工,RS-485/RS-422收发 3.3 V, ??5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX3161E MAX3160E MAX3160ECAP MAX3160EEAP MAX3161E |
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
|
MAXIM[Maxim Integrated Products]
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
|