PART |
Description |
Maker |
LTC2153CUJ-14PBF LTC2153CUJ-14TRPBF |
14-Bit 310Msps ADC
|
Linear Technology
|
AK5393-VS AKD5393 AK5393 |
24-bit 96K 117dB pro audio ADC ENHANCED DUAL BIT 96 KHZ 24-BIT ADC Enhanced Dual bit 96 kHz 24-bit ADC 增强双位96 kHz4位ADC
|
AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
AK5351 AK5351-VF AKD5352 AKD5351 |
Enchanced dual bit 20 bit ADC Enhanced Dual bit 20bit ADC EVALUATION BOARD REV.B FOR AK5351 Enhanced Dual bit ## 20bit ADC
|
AKM[Asahi Kasei Microsystems]
|
LTC2283CUP LTC2283CUP-PBF LTC2283CUP-TR LTC2283CUP |
Dual 12-Bit, 125Msps Low Power 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
LTC2284CUPPBF |
Dual 14-Bit, 105Msps Low Power 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
LTC2294CUPPBF LINEARTECHNOLOGYCORP-LTC2294IUPTRPBF |
Dual 12-Bit, 80Msps Low Power 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|
LTC1605ACSW LTC1605ACG LTC1605AISW LTC1605IG LTC16 |
16-Bit/ 100ksps/ Sampling ADC 8-Bit, 45.5 kSPS ADC Serial Out, Low Power, Compatible to TLC540/545/1540, Single Ch. 8-SOIC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX161 MAX161ACPI MAX161ACWI MAX161AEPI MAX161AEWI |
CMOS, 20µs, 8-Bit, 8-Channel Data Acquisition System CMOS 8-Bit 8-Channel Data Acquisition System CMOS 8Bits 8 Channel DAS(CMOS 8 通道数据采集系统) 16-Bit Ultra-Low-Power MCU, 116KB Flash, 8KB RAM, 12-Bit ADC, Dual DAC, DMA, 3 OPAMP, 160 Seg LCD 100-LQFP -40 to 85 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 CMOS 8-Bit 8Channel Data Acquisition System 8-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 CMOS 8-Bit 8Channel Data Acquisition System CMOS0µs位通道数据采集系统
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
5962-8944701HZX 5962-8944703HXC 5962-8944703HYA 59 |
Low-Power, 90Msps, Dual 6-Bit ADC IF Undersampler General-Purpose, Low-Voltage, Single/Dual/Quad, TinyPack™ Comparators Low-Power, 60Msps, Dual, 6-Bit ADC 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports General-Purpose, Low-Voltage, Single/Dual/Quad, TinyPack™ Comparators 收发 Transceiver 收发
|
HIROSE ELECTRIC Co., Ltd.
|
|