PART |
Description |
Maker |
KTC3876 |
0.5A , 35V NPN Plastic Encapsulated Transistor
|
SeCoS Halbleitertechnologie GmbH
|
PN200 |
0.625W General Purpose PNP Plastic Leaded Transistor. 35V Vceo, 0.500A Ic, 40 - hFE
|
Continental Device India Limited
|
2N3133 |
Trans GP BJT NPN 35V 3-Pin TO-18 Box
|
New Jersey Semiconductor
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
204-2ST 204-3ST 204-4ST 204-5ST 204-7ST |
SWITCH DIP 2POS TOP SLIDE SMT SLIDE DIP SWITCH-2SWITCHES, SPST, LATCHED,0.05A, 24VDC, SURFACE MOUNT-STRAIGHT SWITCH DIP 3POS TOP SLIDE SMT SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.05A, 24VDC, SURFACE MOUNT-STRAIGHT SWITCH DIP 4POS TOP SLIDE SMT SLIDE DIP SWITCH-4SWITCHES, SPST, LATCHED,0.05A, 24VDC, SURFACE MOUNT-STRAIGHT SWITCH DIP 5POS TOP SLIDE SMT SLIDE DIP SWITCH-5SWITCHES, SPST, LATCHED,0.05A, 24VDC, SURFACE MOUNT-STRAIGHT SWITCH DIP 7POS TOP SLIDE SMT SLIDE DIP SWITCH-7SWITCHES, SPST, LATCHED,0.05A, 24VDC, SURFACE MOUNT-STRAIGHT
|
CTS, Corp. CTS CORP
|
13447 13447-01 |
CAPACITOR, ALEL, RADIAL, 180uF, -20%,35V 电容器,阿莱勒,径向80uF20%,35V CAPACITOR ALEL RADIAL 180uF -205V
|
Vicor, Corp. VICOR[Vicor Corporation]
|
STJW-667-RTR STJW-690-NTR STHW-660-N BOURNSINC-STM |
Sealed Tact Switch KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, SURFACE MOUNT-STRAIGHT Sealed Tact Switch KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.06 N, SURFACE MOUNT-STRAIGHT Switches 6mm SQ PC TACT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 2.06 N, THROUGH HOLE-STRAIGHT
|
Bourns, Inc.
|
CD9013 CD9013F CD9013H CD9013DEF CD9013GHI CD9013J |
0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 278 - 465 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 118 - 305 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 64 - 135 hFE 0.625W General Purpose NPN Plastic Leaded Transistor. 30V Vceo, 0.500A Ic, 64 - 465 hFE NPN SILICON PLANAR TRANSISTOR
|
Continental Device India Limited
|
2SA1577 |
Medium Power Transistor (-32V, -05A)
|
Rohm
|
3N169 |
Trans MOSFET P-CH 40V 0.05A 4-Pin TO-72
|
New Jersey Semiconductor
|
|