PART |
Description |
Maker |
GAQW2V540TST GAQW2V540 GAQW2V540EET GAQW2V540EMT G |
48V Input, 2.5VDC, 40A Output
|
GALAXY[Galaxy Power, Inc.]
|
G2PW5V030 G2PC1V060 G2PC1V260 G2PC1V560 G2PC1V860 |
48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
|
GALAXY[Galaxy Power, Inc.]
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
GLDW34V03 GLDW34V03PSR-003-123 GLDW34V03PER-001-12 |
High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
|
GALAXY[Galaxy Power, Inc.]
|
ATL010A0X43-SR ATL010A0X43-SRZ |
9 - 18Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
|
Lineage Power Corporation
|
APTH012A0X3-SRZ APTH012A0X43-SRZ APXH012A0X43-SRZ |
2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A output current
|
http:// Lineage Power Corporation
|
AXH010A0X-SR AXH010A0X-SRZ AXH010A0X3-SR AXH010A0X |
3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 10A output current
|
Lineage Power Corporation
|
AXH016A0X3-12 |
3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
|
Lineage Power Corporation
|
AXA005A0X AXA005A0XZ |
10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
|
Lineage Power Corporation
|
AXA005A0X-SR AXA005A0X-SRZ |
10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
|
Lineage Power Corporation
|
HC006A6A1 HC006A6A1-S HC006A6A1-SZ HC006A6A1Z HC00 |
18-36Vdc Input; 3.3V & 5Vdc Output; 6.6A - 10A Output Current
|
Lineage Power Corporation
|
APXH003A0X-SRZ APXH003A0X4-SRZ |
2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
|
Lineage Power Corporation
|