PART |
Description |
Maker |
NMA0512D NMA0512S NMA0515D NMA0515S NMA1212D NMA12 |
Isolated 1W Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS 隔震1W的双输出DC - DC变换
|
C&D TECHNOLOGIES INC Electronic Theatre Controls, Inc. CANDD[C&D Technologies] ETC[ETC] List of Unclassifed Manufacturers
|
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
P8SG-247R2Z P8SG-0505Z P8SG-053R6Z P8SG-1205Z P8SG |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
SA8026 SA8026DH |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5GHz low voltage fractional-N dual frequency synthesizer
|
NXP Semiconductors
|
LT1719 LT1719CS8 LT1719IS8 1719F LT1719CS6 LT1719I |
4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output From old datasheet system
|
LINER[Linear Technology]
|
NMV0515S NMV1215SA NMV0505D NMV0505DA NMV0505S NMV |
3kVDC Isolated 1W Single & Dual Output DC-DC Converters 3kVDC隔离1W的单 3kVDC Isolated 1W Single & Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies] http://
|
KIA6283K |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
AD7303 AD7303BRM AD7303BN AD7303BR |
2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection 2.7 V to 5.5 V/ Serial Input/ Dual Voltage Output 8-Bit DAC
|
http:// Analog Devices, Inc.
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
MAX8614 MAX8614BETD MAX8614A MAX8614AETD MAX8614B |
Dual-Output ( and -) DC-DC Dual-Output ( and -) Converters for CCD in 3mm x 3mm TDFN
|
MAXIM[Maxim Integrated Products]
|