PART |
Description |
Maker |
BCM94328 BCM4328 |
AirForce One SINGLE-CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
|
BOARDCOM[Broadcom Corporation.]
|
BCM94326 BCM4326 |
AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU 空军一个单芯片电机及电子学工程师联合会支持802.11b / g MAC /基频/收音机集成CPU
|
Broadcom, Corp. Broadcom Corp.
|
BCM4318EKFBG |
AirForce One?Chip 802.11g MAC/Baseband/Radio
|
Cypress Semiconductor
|
WILC1000-14 |
Single Chip IEEE 802.11 b/g/n Link Controller SOC
|
ATMEL Corporation
|
BCM94317 BCM94309-M |
AirForce One Single-Chip 802.11b Transceiver Reference Design 802.11a/b/54g Dual-Band Client Reference Design
|
Broadcom
|
CYW4343SKUBG BCM4343SKUBG |
Single-Chip IEEE 802.11 b/g/n MAC/ Baseband/Radio with Bluetooth 4.1,an FM Receiver, and Wireless Charging
|
Cypress Semiconductor
|
BCM43143KMLGT |
Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
|
Cypress Semiconductor
|
ACD82224 |
Single chip implementation of 24-port 10/100 ethernet switch system intended for IEEE 802.3 and 802.3u compatible networks.
|
Advanced Communication Devices
|
ATWINC3400 |
Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
|
ATMEL Corporation
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|