PART |
Description |
Maker |
93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ... This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM 1K Microwire Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
93AA46 |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C 1K Microwire-Compatible Serial EERPOM.
|
Microchip
|
MAX3314 MAX3314CKA MAX3314CSA MAX3314CUA MAX3314EK |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 460kbps, 1µA, RS-232-Compatible Transceiver LINE TRANSCEIVER, PDSO8 460kbps, 1μA, RS-232-Compatible Transceiver 460kbps, 1A, RS-232-Compatible Transceiver " 460kbps, 1?A, RS-232-Compatible Transceiver" 460kbps 1A RS-232-Compatible Transceiver 460kbps, 1レA, RS-232-Compatible Transceiver 460kbps, 1µA, RS-232-Compatible Transceiver 460kbps / 1A / RS-232-Compatible Transceiver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MC14597BCL MC14597BCP MC14597BDW MC14598BCL MC1459 |
ORDERING INFORMATION (MC14597B / MC14598B) 8-Bit Bus-Compatible Latches From old datasheet system Battery-Backup Supervisor for Low Power Processors 14-TSSOP -40 to 85 8位总线兼容锁存 8-Bit Bus-Compatible Latches 4000/14000/40000 SERIES, HIGH LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PDIP18
|
ON Semi MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
TOP200 TOP200-4 TOP200YAI TOP204YAI TOP203YAI TOP2 |
From old datasheet system Digital Pushwheel Switch; No. of Switch Positions:10; Switch Terminals:Solder Lug; Contact Current Max:1A; Leaded Process Compatible:Yes; Mounting Type:Extended Leads; Output Code:BCD; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Three-terminal Off-line PWM Switch(160.70 k) 0-100 W TOPSwitch using 230 VAC input or 0 0-100糯的TOPSwitch使用230伏交流输入或0
|
Power Integrations Inc Power Integrations Inc. N.A. POWERINT[Power Integrations, Inc.]
|
MAX166 MAX166ACPP MAX166ACWP MAX166AEPP MAX166AEWP |
CMOS μP-Compatible, 5μs, 8-Bit ADCs CMOS microprocessor-compatible, 5 microsec, 8-bit ADC. Error -1 LSB. Plug-in upgrade to the MX7575. CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP18 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 CMOS レP-Compatible, 5レs, 8-Bit ADCs 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP20 CMOS P-Compatible, 5レs, 8-Bit ADCs CMOS P-Compatible / 5s / 8-Bit ADCs CMOS ??-Compatible, 5??, 8-Bit ADCs CMOS P-Compatible 5s 8-Bit ADCs CMOS P-Compatible, 5s, 8-Bit ADCs
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AS7C33512FT18A AS7C33512FT18A.V1.1 AS7C33512FT18A- |
3.3V 512K x 18 Flow-through synchronous SRAM 512K X 18 STANDARD SRAM, 10 ns, PQFP100 Film Capacitor; Voltage Rating:630VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.0082uF; Capacitance Tolerance: 10%; Lead Pitch:10mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
STPCD01 |
STPC CLIENT DATASHEET / PC COMPATIBLE EMBEDED MICROPROCESSOR
|
STMicroelectronics
|
ICM7170 FN3019 |
Microprocessor-Compatible, Real-Time Clock From old datasheet system
|
Intersil
|
MX7542 MX7542AD MX7542AQ MX7542BD MX7542BQ MX7542G |
CMOS μP-Compatible 12-Bit DAC CMOS P-Compatible 12-Bit DAC From old datasheet system CMOS レP-Compatible 12-Bit DAC CMOS B>P-Compatible 12-Bit DAC CMOS ??-Compatible 12-Bit DAC
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MX7821 MX7821K_D MX7821KEWP MX7821KP MX7821KR MX78 |
660ns μP-Compatible, 8-Bit ADC with Track/Hold 660NS ヌP-COMPATIBLE, 8-BIT ADC WITH TRACK/HOLD 660ns レP-Compatible, 8-Bit ADC with Track/Hold 660ns P-Compatible 8-Bit ADC with Track/Hold 660ns P-Compatible, 8-Bit ADC with Track/Hold 660ns P-Compatible / 8-Bit ADC with Track/Hold 660ns B>P-Compatible, 8-Bit ADC with Track/Hold SOCKET INSERT MIN BUS 3 2,5 40 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PQCC20 660ns ??-Compatible, 8-Bit ADC with Track/Hold
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|