PART |
Description |
Maker |
ICM7555CBA ICM7555IBA ICM7556MJD ICM7555 ICM7555IP |
Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector General Purpose Timer, Dual, CMOS Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector 低功耗、通用定时 Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector SQUARE, 1 MHz, TIMER, PDIP8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL6520AIBZ ISL6520ACRZ ISL6520ACBZ ISL6520AIRZ IS |
Single Synchronous Buck Pulse-Width Modulation PWM Controller Single Synchronous Buck Pulse-Width Modulation (PWM) controller ISL6520A; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil Corporation Intersil, Corp.
|
IP3P125D IP1P125J IP1P125 IP3P125N IP3P125 IP3P125 |
REGULATING PULSE WIDTH MODULATORS 0.1 A SWITCHING REGULATOR, PDSO16 Regulating Pulse Width Modulator 调节脉冲宽度调制
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
LAS-3840 |
200mA Pulse Width Modulator Controller
|
Lambda Semiconductors
|
2-177534-2 2-177534-5 2-177534-9 2-177534-4 |
5 Bit Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz 5-Bit, Programmable, 100kHz Pulse-Width Modulator 插座IDC6/28AWG 5未来 RECEPTACLE IDC 26/28AWG 9 WAY 插座IDC6/28AWG 9未来 5-Bit, Programmable, 100kHz Pulse-Width Modulator 插座IDC6/28AWG 4
|
Ecliptek, Corp. Vishay Intertechnology, Inc. TE Connectivity, Ltd.
|
PWD-21-200 PWD-21-300 PWD-21-75 PWD-21-100 PWD-21- |
PULSE WIDTH DISCRIMINATOR PULSE DISCRIMINATOR DELAY LINE, TRUE OUTPUT, DIP4
|
延迟 Data Delay Devices, Inc. DATA DELAY DEVICES INC
|
ISL652206 ISL6522IVZ ISL6522 ISL6522CB ISL6522CBZ |
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
ISL652607 ISL6526CRZ ISL6526AIBZ ISL6526ACRZ ISL65 |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
BA9743AFV-E |
A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
|
Rohm
|
ISL6545 ISL6545ACRZ ISL6545AEVAL1 ISL6545AIBZ ISL6 |
5V OR 12V SINGLE SYNCHRONOUS BUCK PULSE-WIDTH MODULATION (PWM) CONTROLLER
|
INTERSIL[Intersil Corporation]
|