PART |
Description |
Maker |
LT1181A LT1180A LT1180ACN LT1180ACSW LT1180AIN LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
|
Linear Technology, Corp. Linear Integrated Systems
|
LT1081-15 LT1080-15 |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
UPD4721 UPD4721GS-GJG UPD4721GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC, Corp. NEC Corp. NEC[NEC]
|
LT1381CSPBF LT1381CSTRPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C DUAL LINE TRANSCEIVER, PDSO16
|
Linear Technology, Corp.
|
UPD4723GS-GJG UPD4723 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
|
NEC Corp. NEC[NEC]
|
MAX208IDBE4 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
外设及接
|
LTC1337CNW LTC1337CSW LTC13371 LTC1337CG |
5V Low Power RS232 3-Driver/5-Receiver Transceiver 5V Low Power RS232 3-Driver/5-Receiver Transceiver; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C TRIPLE LINE TRANSCEIVER, PDIP28
|
Linear Technology, Corp.
|
UPD4722GS-GJG UPD4722 UPD4722GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
SP385E SP385ECA SP385ECT SP385EEA SP385EET |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
SIPEX[Sipex Corporation]
|
LT1130A LT1130ACNW LT1130ACSW LT1130AISW LT1131A L |
Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 24; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO24 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,?????????5????RS232椹卞????ユ???甯?????灏??瀹?) CAP .015UF 200V B SERIES POLY LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,先进的低功5RS232驱动接收带关断和小电) Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 Octal Buffers/Line Drivers with 3-State Outputs 20-SO 0 to 70 From old datasheet system 5V, 12V 4-Driver/4-Receiver 5-Driver/3-Reciever 4-Driver/5-Receiver Advanced 5-Driver/3-Receiver RS232 Transceiver without Charge Pump Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,?????????3????RS232椹卞????ユ???甯?????灏??瀹?)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
CXA1665M CXA1665M-S CXA1665 |
All Band TV Tuner IC (VHF-CATV-UHF) 所有带电视调谐器集成电路(甚高频,有线电视,超高频 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
Sony, Corp. SONY[Sony Corporation]
|
LTC1338INW |
5V Low Power RS232 5-Driver/3-Receiver Transceiver
|
Linear Technology
|