PART |
Description |
Maker |
L9310 |
Line Interface and Line Access Circuit,Full-Feature SLIC, Ringing Relay, and Test Access Device(线接口和线存取电路,特点齐全的用户接口、振铃继电器和存取测试器
|
Lineage Power
|
LUCL9311AP-DT LUCL9311GP-D LUCL9311GP0DT |
Line Interface and Line Access Circuit Full-Feature SLIC with High Longitudinal Balance, Ringing Relay,and GR-909 Test Access
|
http://
|
LUCL9313AP-D LUCL9313GP-DT LUCL9313AP-DT |
Line Interface and Line Access Circuit Full-Feature SLIC and Ringing for TR-57 Applications
|
http://
|
CD00191174 STM32F101RET6 STM32F101VET6 STM32F101ZE |
Mainstream Access line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 36 MHz CPU High-density access line, ARM-based 32-bit MCU Mainstream Access line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 36 MHz CPU
|
STMicroelectronics ST Microelectronics
|
STM8S103K3T6C STM8S103F3M3 STM8S103F2 STM8S103K3T3 |
Mainstream Access line 8-bit MCU with 4 Kbytes Flash, 16 MHz CPU, integrated EEPROM Mainstream Access line 8-bit MCU with 8 Kbytes Flash, 16 MHz CPU, integrated EEPROM Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
|
ST Microelectronics STMicroelectronics
|
STM32F102R6T6XXX STM32F102C6T6AXXX STM32F102C4 STM |
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
|
STMicroelectronics
|
SN54_74LS148 SN54_74LS147 SN54_74LS748 ON2830 |
10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS From old datasheet system
|
ON Semi
|
MXD1013 MXD1013PA MXD1013PD MXD1013SA MXD1013SE MX |
3-in-1 silicon delay line. Output delay 45ns. 3-in-1 silicon delay line. Output delay 30ns. 3-in-1 silicon delay line. Output delay 90ns. 3-in-1 silicon delay line. Output delay 12ns. 3-in-1 silicon delay line. Output delay 25ns. Silver Mica Capacitor; Capacitance:11pF; Capacitance Tolerance: 1pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No 3-in-1 silicon delay line. Output delay 70ns. 3-in-1 silicon delay line. Output delay 75ns. 3-in-1 silicon delay line. Output delay 50ns. 3-in-1 silicon delay line. Output delay 20ns. 3-in-1 silicon delay line. Output delay 80ns. 3-in-1 silicon delay line. Output delay 15ns.
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
PEF809164MQFP PEB809164TQFP |
1MHz Off-Line Current Mode PWM and DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C ISDN Line Interface ISDN线路接口
|
Omron Electronics, LLC
|
NUF2900MNT1G NUF2900MN |
Two Line EMI Filter with ESD Protection for High Speed Data Interface 2 FUNCTIONS, DATA LINE FILTER
|
ON Semiconductor
|
CPC7581BA CPC7581BATR CPC7581BB CPC7581BBTR |
Line Card Access Switch
|
IXYS Corporation
|