PART |
Description |
Maker |
K9T1G08U0M |
128M x 8 Bits NAND Flash Memory
|
SAMSUNG[Samsung semiconductor]
|
TC58DVG02A1FT00 TC58DVG02A TC58DVG02A1FT |
Flash - NAND TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 1-GBIT (128M*8 BITS) CMOS NAND E2PROM
|
TOSHIBA[Toshiba Semiconductor]
|
K9F1G08Q0M-PCB0 K9F1G08Q0M-PIB0 K9F1G08Q0M-YCB0 K9 |
128M x 8 Bit / 64M x 16 Bit NAND Flash Memory 1Gb Gb 1.8V NAND Flash Errata
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
KM29W040AT KM29W040AIT |
V(cc): 2.7 -3.6V; 512M x 8 bits NAND flash memory 512K x 8 bit NAND Flash Memory
|
Samsung semiconductor Samsung Electronic
|
K9K1G08U0M-YIB0 K9K1G08U0M-YCB0 |
128M x 8 Bit NAND Flash Memory
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
TC58NVG0S3AFT TC58NVG0S3AFT05 |
128M X 8 EEPROM 3V, PDSO48 Flash - NAND
|
TOSHIBA
|
K9K1G08U0M-YCB0 K9K1G08U0M-YIB0 |
128M x 8 Bit NAND Flash Memory
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
NAND256-A NAND01G-A NAND01GW3A2AZB1 NAND01GW3A0AZB |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位千兆位(x8/x1628 Byte/264字的页面.8V/3V,NAND闪存芯片 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories 128兆,256兆,512兆位1千兆位(x8/x1628 Byte/264字的页面1.8V/3V,NAND闪存芯片 128M X 8 FLASH 1.8V PROM, 35 ns, PBGA63 8M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 64M X 8 FLASH 3V PROM, 35 ns, PBGA55 64M X 16 FLASH 1.8V PROM, 35 ns, PDSO48 128M X 8 FLASH 3V PROM, 35 ns, PDSO48 8M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PDSO48 32M X 16 FLASH 3V PROM, 35 ns, PBGA55
|
ST Microelectronics 意法半导 STMicroelectronics N.V. NUMONYX http://
|
HY27LF081G2M-TCP HY27LF081G2M-TCS HY27LF161G2M-TCB |
Inductor; Inductor Type:Power; Inductance:2uH; Inductance Tolerance: 25 %; Series:CTX; Package/Case:PCB Surface Mount; Core Material:Amorphous Metal; Current, lt rms Parallel:7.26A; Current, lt rms Series:3.63A RoHS Compliant: Yes 3.3V Differential Transceiver 8-PDIP -40 to 85 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 1Gbit的(128Mx8bit / 64Mx16bit)NAND闪存 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 128M X 8 FLASH 1.8V PROM, 30 ns, PDSO48 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 64M X 16 FLASH 1.8V PROM, 30 ns, PDSO48 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 64M X 16 FLASH 3.3V PROM, 30 ns, PDSO48 CONNECTOR ACCESSORY 128M X 8 FLASH 3.3V PROM, 30 ns, PDSO48 CONNECTOR ACCESSORY 64M X 16 FLASH 1.8V PROM, 30 ns, PDSO48 Power Heater Soldering Tip; Tip/Nozzle Style:Chisel; Tip/Nozzle Thickness:0.2"; Tip/Nozzle Size:0.40 1Gbit的(128Mx8bit / 64Mx16bit)NAND闪存 COILTRONICS RoHS Compliant: Yes 1Gbit的(128Mx8bit / 64Mx16bit)NAND闪存 Power Heater Soldering Tip; Tip/Nozzle Style:Chisel; Tip/Nozzle Thickness:0.1"; Tip/Nozzle Size:0.43 RoHS Compliant: Yes 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
|
Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
EDD1232AAFA-6B-E EDD1232AAFA-7A-E |
128M bits DDR SDRAM (4M words x 32 bits)
|
Elpida Memory, Inc.
|
EDD1216AASE-7A-E EDD1216AASE EDD1216AASE-6B-E |
128M bits DDR SDRAM (8M words x 16 bits)
|
ELPIDA[Elpida Memory]
|