PART |
Description |
Maker |
GS74108AJ-8 GS74108ATP-10 GS74108ATP-10I GS74108AT |
512K x 8 4Mb Asynchronous SRAM
|
GSI[GSI Technology]
|
GS74116ATJ |
256K x 16 4Mb Asynchronous SRAM
|
GSI Technology
|
IS64LV51216-12TLA3 IS64LV51216-12TA3 IS61LV51216-1 |
512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 512K X 16 STANDARD SRAM, 8 ns, PDSO44
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会
|
N04L63W2A |
4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 16 bit
|
ON Semiconductor
|
N04M163WL1A |
4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
|
NANOAMP[NanoAmp Solutions, Inc.]
|
N04L63W1AB27I N04L63W1AB27IT N04L63W1AT27I N04L63W |
4 Mb Ultra-Low Power Asynchronous CMOS SRAM 4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K × 16 bit 4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 隆驴 16 bit
|
ON Semiconductor
|
AS7C34096A AS7C34096A-20TIN AS7C34096A-10JC AS7C34 |
SRAM - 3.3V Fast Asynchronous DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 DUAL MONOSTABLE MULTIVIBRATORS 16-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO36 DUAL MONOSTABLE MULTIVIBRATORS 16-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 3.3V 512K x 8 CMOS SRAM 512K X 8 STANDARD SRAM, 10 ns, PDSO36
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. ALLIANCE MEMORY INC
|
AS7C25512FT32_36A AS7C25512FT32A-10TQC AS7C25512FT |
2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 36 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 47Vz 5.5mA-Izt 0.05 5uA-Ir 35.8Vr DO41-GLASS 5K/REEL Sync SRAM - 2.5V 2.5V 512K x 32/36 flowthrough burst synchronous SRAM
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor ...
|
AS7C4096 AS7C34096-15JC AS7C34096-10JC AS7C34096-1 |
5V/3.3V 512K X8 CMOS SRAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SOIC -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO36 TV 12C 8#20 4#16 SKT PLUG 512K X 8 STANDARD SRAM, 10 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TV 26C 26#20 PIN WALL RECP 512K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 5C 5#16 PIN WALL RECP SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
M68AW512ML M68AW512MN70ND6T M68AW512 M68AW512M M68 |
8 Mbit (512K x16) 3.0V Asynchronous SRAM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
GS840FH18AT-10 GS840FH18AT-10I GS840FH18AT-12 GS84 |
10ns 256K x 18 4Mb sync burst SRAM 12ns 256K x 18 4Mb sync burst SRAM 8.5ns 256K x 18 4Mb sync burst SRAM 8ns 256K x 18 4Mb sync burst SRAM 10ns 128K x 32 4Mb sync burst SRAM
|
GSI Technology
|