PART |
Description |
Maker |
CD40174BMS FN3359 |
CMOS Hex ‘D?Type Flip-Flop CMOS Hex ‘D’-Type Flip-Flop From old datasheet system CMOS Hex ??Type Flip-Flop CMOS Hex D-Type Flip-Flop D-Type Flip Flop, Hex, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
HD74HC574 HD74HC564 HD74HC574FP HD74HC574P HD74HC5 |
FLIP-FLOP|OCTAL|D TYPE|HC-CMOS|SOP|20PIN|PLASTIC 触发器|八路| D型系列| HC - CMOS制|专科| 20针|塑料 FLIP-FLOP|OCTAL|D TYPE|HC-CMOS|DIP|20PIN|PLASTIC Octal D-type Flip-Flops (with 3-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
TC74ACT574FT |
CMOS Octal Flip Flop With 3 State Output(CMOS 八D触发三态输出))
|
Toshiba Corporation
|
AT27BV020-90VI AT27BV020-90VC AT27BV020-90TI AT27B |
High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-SOIC -55 to 125 256K X 8 OTPROM, 90 ns, PDSO32 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-PDIP -55 to 125 256K X 8 OTPROM, 90 ns, PQCC32 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 256K X 8 OTPROM, 90 ns, PBGA42 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 256K X 8 OTPROM, 150 ns, PDSO32 2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MC74HC174A-D MC74HC174ADR2 MC74HC174ADTR2 |
Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon Gate CMOS Hex D-Type Flip-Flop with Clock
|
ON Semiconductor
|
AS7C31026B AS7C31026B-10JCN AS7C31026B-10JI AS7C31 |
SRAM - 3.3V Fast Asynchronous Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SOIC -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-SSOP -40 to 85 Replaced by SN74LV174A : Hex D-Type Flip-Flop With Clear 16-TSSOP -40 to 85 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SSOP -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PDSO44 3.3 V 64K X 16 CMOS SRAM
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
74LVX16374 74LVX16374TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMicroelectronics
|
74HC74DR2 74HC74DG |
Dual D Flip−Flop with Set and Reset High−Performance Silicon−Gate CMOS HC/UH SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
ON Semiconductor
|
XC74WL74AASR |
CMOS Logic D-Type Flip Flop
|
Torex Semiconductor
|
SCL4013B |
CMOS Dual D-Type Flip-Flop
|
Solid State Scientific
|
SMBJ5.0A SMBJ51A SMBJ17A SMBJ100A SMBJ78CA SMBJ6.0 |
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 High Speed CMOS Logic Dual 4-Stage Static Shift Register 16-CDIP -55 to 125 CMOS Dual 4-Bit Latch 24-SO -55 to 125 High Speed CMOS Logic Octal D-Type Positive-Edge Triggered Inverting Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 CMOS Dual BCD Up-Counter 16-SOIC -55 to 125 High Speed CMOS Logic 10-to-4 Line Priority Encoder 16-CDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 Replaced by VSP2560 : 10-bit, 21 MSPS 1-Channel AFE for CCD Sensors 48-TQFP Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors 硅雪崩二极管- 600W表面贴装瞬态电压抑制器 CMOS Dual Monostable Multivibrator 16-TSSOP -55 to 125 硅雪崩二极管- 600W表面贴装瞬态电压抑制器
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
MC74LVQ574SD MC74LVQ574 MC74LVQ574DT MC74LVQ574DW |
LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
|
MOTOROLA[Motorola, Inc]
|