PART |
Description |
Maker |
M3T-FLX-100NRB |
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch QFP
|
Renesas Electronics Corporation
|
M3T-FLX-100NSE |
Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.4mm-pitch TQFP
|
Renesas Electronics Corporation
|
SRUUH-SS-112D1M SRUUH-SS-148D1 SRUUH-SS-148D1M SRU |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:5; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-22 15安培微型功率PC板继电器 MB 16C 16#16 SKT PLUG Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:EZ5015; No. of Contacts:4; Connector Shell Size:20; Connecting Termination:Spring Cage; Circular Shell Style:Square Flange Receptacle RoHS Compliant: Yes Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-19 15 Amp Miniature Power PC Board Relay From old datasheet system
|
Microchip Technology, Inc. MACOM[Tyco Electronics]
|
DF18D-50DS-0.4V DF18B-50DS-0.4V DF18E-80DS-0.4V DF |
0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors 0.4mm Contact Pitch 1.5mm above the board Board-to-Board / Board-to-FPC Connectors 0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors 间距0.4mm的联系,高于板,板对板对FPC连接.5毫米 0.4mm Contact Pitch/ 1.5mm above the board/ Board-to-Board / Board-to-FPC Connectors CAT5E PATCH CORD ORANGE 5FT 间距0.4mm的联系,高于板,板对板对FPC连接.5毫米
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
51721-10012418AB 51721-10014011AALF 51721-10012016 |
514 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 571 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 496 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 416 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 339 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 323 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 412 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 393 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 329 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 409 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 370 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 434 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 466 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 594 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 310 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 550 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 340 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 317 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
|
50-57-9320 50-57-9319 50-57-9312 50-57-9311 50-57- |
SL Crp Hsg D SR Back Rbs 20Ckt 20 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 19Ckt 19 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 12Ckt 50579311 Connector Housing; Gender:Female; No. of Contacts:7; Series:SL; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Connector Body Material:Polyester; For Use With:70058 and 71851 crimp terminals
|
Molex, Inc. MOLEX INC
|
YTW-09-09-L-Q-300-050 YTW-09-09-G-Q-300-050 YTW-09 |
36 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 120 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 145 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 300 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 185 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 112 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 76 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 152 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 8 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 16 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 90 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 195 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 156 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 136 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 294 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 245 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 164 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
M22-2661046 M22-2660805 |
2.00mm Pitch DIL Extended 2.4mm PC Tail Pin Header, 6mm board-stacking height, tin, 10 10-way BOARD STACKING CONNECTOR 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
26-48-1026 26-48-1236 26-48-2056 26-48-1196 26-48- |
Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 23 Ckt Tin 23 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 26482056 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 19 Ckt Tin 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Break 21 Ckt Gol 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,4 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.156 Pitch,R ANGLE PC TAIL Terminal,LATCH 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Pin Header; Number of Contacts:24; Pitch Spacing:3.96mm; Number of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin Breakaway Header; No. of Contacts:10; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41672; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
22-12-2141 22-05-2211 22-05-2251 22-05-2141 22-05- |
14 PIN HEADER, RIGHT ANGLE 2.54MM PITCH (MEMBRANE) 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 21CKT TIN 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,25 Contacts,PIN,0.100 Pitch,PC TAIL Terminal 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK 100 HDR FLAT RTAN 20CKT TIN KK 100 HDR FLAT RTAN 22CKT GOLD HEADER, SQ PIN 0.1" R/A 4WAY ; Ways, No. of:4; Pitch:2.54mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.57N; KK 100 HDR FLAT RTAN 2CKT TIN Pin Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:4094; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Gold
|
Molex, Inc. MOLEX INC
|
|