PART |
Description |
Maker |
IDT7015L17PFB IDT7015S17PFB IDT7015L12JB IDT7015S1 |
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 17 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 高K的9双端口静态RAM HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 LED/TAPE AND REEL OR BULK//YELLOW RIGHT ANGLE 8K X 9 DUAL-PORT SRAM, 35 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, CPGA68
|
Integrated Device Technology, Inc.
|
PC10XS3435BPNA MC10XS3435 |
Quad High Side Switch (Dual 10m楼?, Dual 35m楼?) Quad High Side Switch (Dual 10mΩ, Dual 35mΩ)
|
Freescale Semiconductor, Inc
|
AT28HC64B-12TI AT28HC64B-12TC AT28HC64B-55SC AT28H |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer with Input Latches 24-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 High Speed CMOS Logic Dual BCD Up-Counter 16-PDIP -55 to 125 64KK的8高速CMOS E2PROM的同页写入和软件数据保护 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 8K X 8 EEPROM 5V, 70 ns, PDSO28 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K 8K x 8 Battery-Voltage CMOS E2PROM
|
Atmel Corp. Atmel, Corp.
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
IDT70V05L15GI IDT70V05L20GI IDT70V05L35GI IDT70V05 |
8K x 8 3.3v Dual-Port RAM Part Sensing Light Screen; Light Curtain Type:Parts Sensing; Control Output Type:NPN & PNP; Protection Height:67mm; Sensing Range Max:2m; Supply Voltage Max:30VDC; Sensing Range Min:150mm; Supply Voltage:30VDC High Speed JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 Dual OpAmp With Internal Reference 8-SOIC -40 to 105 20V N & P-Channel PowerTrench MOSFETs HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 55 ns, PQFP64
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
MIC5333-MNYMT MIC5333-J4YMT MIC5333-MMYMT MIC5333- |
DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 2.50 X 2.50 MM, MLF-10 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 2.50 X 2.50 MM, MLF-10 Micro-Power High Performance Dual 300mA ULDO?/a> with Dual POR Micro-Power High Performance Dual 300mA ULDO with Dual POR Micro-Power High Performance Dual 300mA ULDO⑩ with Dual POR
|
Micrel Semiconductor, Inc.
|
CMLD6263 |
SMD Schottky Diode Dual: High Voltage: Same Polarity SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
CMLD6263A CMLD6263S CMLD6263C |
SMD Schottky Diode Dual Pair: High Voltage: Common Anode SMD Schottky Diode Dual Pair: High Voltage: In Series SMD Schottky Diode Dual Pair: High Voltage: Common Cathode SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini⑩ DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
IDT70V658S15BC IDT70V658S15BCI IDT70V658S15BF IDT7 |
From old datasheet system Dual N-Channel Digital FET 30V N-Channel PowerTrench MOSFET HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM 64K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM 64K X 36 DUAL-PORT SRAM, 10 ns, PQFP208
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|