PART |
Description |
Maker |
X9269UV24I-2.7 X9269 X9269TS24 X9269TS24-2.7 X9269 |
Single Supply/Low Power/256-Tap/2-Wire Bus
|
INTERSIL[Intersil Corporation]
|
X9251US24 X9251UV24 X9251UV24I X9251UP24I X9251US2 |
Single Supply/Low Power/256-Tap/SPI Bus
|
INTERSIL[Intersil Corporation]
|
IDT723643 IDT723633 IDT723623 IDT723623L15 IDT7236 |
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 High-Slew-Rate, Single-Supply Operational Amplifier 8-PDIP -40 to 105 Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC 0 to 70 CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-PDIP 0 to 70 的CMOS总线匹配SyncFIFOTM 256 × 3612 × 36024 × 36
|
济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd.
|
MAX4131 MAX4131ESA |
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps OP-AMP, 750 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 "Single, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail, I/O Op Amp in UCSP"
|
Maxim Integrated Products, Inc.
|
MS7202AL MS7201AL MS7200L MS7200-25FC MS7201-25FC |
25ns; 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 X 9 OTHER FIFO, 25 ns, PQCC32 25ns 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 x 9 CMOS FIFO 256 x 9, 512 x 9, 1K x 9 CMOS FIFO FIFO, Single, 256x9, Uni-directional, 5V Supply, Commercial, LDCC, 32-Pin
|
MOSEL-VITELIC Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
MC33171 MC33171P MC33172D MC33172P MC33174P MC3317 |
From old datasheet system Low Power Single Supply Operational Amplifiers PIN CONNECTIONS Low Power, Single Supply Operational Amplifiers
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
X9251US24 X9251 |
Quad 256 tap XDCP potentiometer, low power, SPI interface, dual supply From old datasheet system
|
Xicor
|
AD86270001R AD8625 AD86250001R AD8626 AD86260001R |
Precision, Low Power, Single Supply JFET Amplifier in 5-Lead SC70 Precision, Low Power, Single-Supply, JFET Amplifier in MSOP
|
Analog Devices
|
M29W800AB M29W800AB120ZA5T M29W800AT80ZA5T M29W800 |
8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Low Voltage Single Supply Flash Memory Low-Power Single Buffer/Driver with 3-State Output 5-DSBGA -40 to 85 8兆x812KB的x16插槽,引导块低压单电源闪 RESISTOR: 100 OHM, 1/10W, 1%, PACKAGE 0805 81兆x812KB的x16插槽,引导块低压单电源闪 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory 8兆x812KB的x16插槽,引导块低压单电源闪 Low-Power Single Buffer/Driver with 3-State Output 5-SOT-23 -40 to 85
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4314 MAX4313 MAX4312 MAX4311 MAX4310-MAX4315 |
High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers From old datasheet system "4- Channel, Singlel-Supply Video Mux-Amp (Av> 1)" "8- Channel, Singlel-Supply Video Mux-Amp (Av> 1)" "2- Channel, Single-Supply Video Mux-Amp (Av > 2)" " 4- Channel, Single-Supply Video Mux-Amp (Av > 2)"
|
MAXIM - Dallas Semiconductor
|