PART |
Description |
Maker |
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
LP-CC-2-1/2 LP-CC-25 LP-CC-9 LP-CC-10 |
Cartridge Fuse; Current Rating:2.5A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Series:LP-CC TIME DELAY BLOW ELECTRIC FUSE, 2.5A, 600VAC, 300VDC, 200000A (IR), INLINE/HOLDER Cartridge Fuse; Current Rating:25A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No Cartridge Fuse; Current Rating:9A; Voltage Rating:600VAC; Fuse Type:Time Delay; Fuse Size/Group:13/32 x 1-1/2 "; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:LP-CC RoHS Compliant: No Cartridge Fuse; Current Rating:10A; Voltage Rating:600V; Fuse Type:Time Delay; Fuse Size/Group:10.31 x 38.1mm; Diameter:10.3124mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:38.1mm RoHS Compliant: No
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
BC859C BC860B BC860C BC859 BC859_860_4 BC860 BC859 |
High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-SOIC -55 to 125 From old datasheet system PNP general purpose transistors Leaded Cartridge Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes FUSE, SLO-BLO, .25A,250V,5X20MM TRANSISTOR SOT-323
|
NXP Semiconductors Philips Semiconductors
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
0995020 0995040 0995025 0995030 0995050 0995060 |
JCASE? Cartridge Fuse Rated 58V JCASE㈢ Cartridge Fuse Rated 58V
|
Littelfuse
|
MAX6315US25D1-T MAX6315US25D2-T MAX6315US25D3-T MA |
Open-Drain SOT μP Reset Circuit Open-Drain SOT 渭P Reset Circuit Open-Drain SOT P Reset Circuit Cartridge Fuse; Current Rating:20A; Voltage Rating:600V; Fuse Type:Time Delay; Diameter:20.574mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:57.15mm; Peak Reflow Compatible (260 C):No; Series:LPJ RoHS Compliant: No SOCKET, 28 PIN, MACHINE, 0.6" WIDE, 0.1" L.S. 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Open-Drain SOT レP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 ADAPTER SOWIC TO DIP 24 POS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Open-drain microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 1120ms.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] 电源管理 Maxim Integrated Products, Inc.
|
215025 215.500XE 0215002.H- 215002.XE 0215002.H-ND |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) Axial Lead and Cartridge Fuses - Designed to IEC Standard Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
10230 10302 10304 10306 11302 11304 10202 10205 10 |
Fuse carriers, Domestic cartridge fuses
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
80200603 8020.0603 8020.0605 8020.0607 8020.0606 8 |
Cartridge Fuse, 6.3x32 mm, low resistance, up to 30 A
|
Schurter Inc.
|
BC869 BC869-16 BC869-25 BC869_4 BC869/T1 |
From old datasheet system PNP medium power transistor Automotive Fuse; Current Rating:20A; Voltage Rating:32V; Fuse Type:Fast Acting; Body Material:Plastic; Fuse Terminals:Blade; Length:15.41mm; Series:297; Fuse Size/Group:15.41 x 10.92 x 3.81mm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|