PART |
Description |
Maker |
NCP5010_06 NCP5010 NCP5010FCT1G |
500 mW Boost Converter for White LEDs
|
ONSEMI[ON Semiconductor]
|
M48Z512AV-85PM1 M48Z512AV-85PM6 M48Z512AY-7-PM1 M4 |
4 Mbit (512 Kbit x 8) ZEROPOWER SRAM 2A Standard Fixed Output LDO Regulators; Package: TO220FP-3; Constitution materials list: Packing style: Tube packaging; Package quantity: 50; Minimum package quantity: 500;
|
意法半导
|
KA7631 KA7630 KA7630TS |
Fixed Multi-Output Regulator TRIPLE OUTPUT, FIXED POSITIVE REGULATOR, PSFM10
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M25PE80-VMN6P |
2A Standard Fixed Output LDO Regulators with Shutdown Switch; Package: TO220FP-5; Constitution materials list: Packing style: Tube packaging; Package quantity: 50; Minimum package quantity: 500; 8兆位,低电压,页式可擦除的字节变性,50MHz的SPI总线,标准引脚串行闪
|
STMicroelectronics N.V.
|
AN7807F AN7820 AN7824 AN7824F AN7805 AN7820F AN780 |
3-pin positive output voltage regulator (1 A type) 9 V FIXED POSITIVE REGULATOR, PSFM3 3-pin positive output voltage regulator (1 A type) 5 V FIXED POSITIVE REGULATOR, PSFM3 ECONOLINE: REC3-S_DR/H1 - 3W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 7 V FIXED POSITIVE REGULATOR, PSFM3 (AN78xx/F) 3-pin positive output voltage regulator (1 A type)
|
PANASONIC CORP Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
M25P40-VMP3G/X M25P40-VMN3P/X M25P40-VMN6TG/X M25P |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 2A Standard Fixed Output LDO Regulators with Shutdown Switch; Package: TO220FP-5; Constitution materials list: Packing style: Tube packaging; Package quantity: 50; Minimum package quantity: 500; 4兆位,低电压,串行闪存的50兆赫SPI总线接口内存
|
意法半导 STMicroelectronics N.V.
|
APL5885-18EC-TR APL5885-33EC-TU |
1.8 V, 500 mA low dropout linear regulator of adjustable and fixed voltage 3.3 V, 500 mA low dropout linear regulator of adjustable and fixed voltage
|
ANPEC Electronics Corporation
|
AT10P AT10P-6.5DB500 AT10PK AT10S AT10S-6.5DB750 A |
10mm Square, Single-Turn, Through-Hole Sealed Cermet Attenuators 0 MHz - 0.1 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 500 MHz RF/MICROWAVE FIXED ATTENUATOR
|
List of Unclassifed Man... TOCOSAMERICA, INC. ETC[ETC] List of Unclassifed Manufacturers http:// Tokyo Cosmos Electric Co., Ltd.
|