PART |
Description |
Maker |
LT1949ES8PBF LT1949ES8TR LT1949ES8TRPBF |
600kHz, 1A Switch PWM DC/DC Converter
|
Linear Technology
|
FAN5331 FAN5331SX |
Adjustable, 1.6MHz Boost Regulator with 25V Integrated FET Switch 1.6MHz Boost Converter with 20V Integrated FET Switch
|
FAIRCHILD[Fairchild Semiconductor]
|
LT1949 LT1949EMS8 LT1949ES8 LT1949IS8 LT1949ES8TRP |
From old datasheet system 600kHz, 1A Switch PWM DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1.5 A SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8 600kHz, 1A Switch PWM DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.5 A SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8 600kHz, 1A Switch PWM DC/DC Converter 1.5 A SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8 600kHz, 1A Switch PWM DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.5 A SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
EL7516 |
600kHz/1.2MHz PWM Step-Up Regulator(600kHz/1.2MHz PWM升压稳压
|
Intersil Corporation
|
ZLED7015-ZI1R |
1.0MHz Boost Converter with Internal 35V Switch
|
List of Unclassifed Man...
|
LT3791 |
Four-Switch Buck-Boost LED Driver Controller
|
Linear Technology
|
LT1930A LT1931 LT1931A LT1613 LT3580EMS8E LT3580HM |
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
|
Linear Technology
|
AME5143 |
1.4MHz Boost Converter With 30V Internal FET Switch
|
Analog Microelectronics
|
IS31BL3508A-STLS2-TR IS31BL3508A |
1.0MHZ BOOST CONVERTER WITH 38V INTERNAL MOSFET SWITCH
|
Integrated Silicon Solu... ISSI
|
LT8361 |
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
|
Linear Technology
|
LT8335 |
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
|
Linear Technology
|