PART |
Description |
Maker |
CPD25 |
Chip Form: RECTIFIER CHIP Fast Recovery Rectifier 3 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
FM205-L FM202-L FM204-L FM203-L FM206-L FM201-L FM |
Chip Silicon Rectifier - Glass passivated type
|
美丽微半导体有限公司 缇?附寰??瀵间???????
|
FM4007 FM4001 FM4001-FM4007 FM4002 FM4003 FM4004 F |
Chip Silicon Rectifier - Glass passivated type
|
FORMOSA[Formosa MS]
|
FM305B FM306B FM303B FM302B FM304B FM301B FM302B-W |
3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
1N5394GP 1N5395GP 1N5393GP 1N5399GP 1N5391GP 1N539 |
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 300 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
PR1504GS-A PR1502GS-A PR1507GS-A PR1504GS-B |
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-41 1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1.5 A, 100 V, SILICON, RECTIFIER DIODE, DO-41 1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-41
|
Diodes, Inc.
|
CPD17 |
Ultra Fast Rectifier 3 Amp Glass Passivated Rectifier Chip
|
http:// Central Semiconductor Corp
|
CBR4M-L100M CBR4M-L010M CBR4M-L020M CBR4M-L040M CB |
GLASS PASSIVATED JUNCTION SILICON BRIDGE RECTIFIER 4 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|