PART |
Description |
Maker |
MAX12557 |
Dual 65Msps 14-Bit IF/Baseband ADC
|
Maxim Integrated Products
|
MAX19505 MAX19505ETM |
Dual-Channel, 8-Bit, 65Msps ADC
|
Maxim Integrated Products
|
MAX19515 MAX19515ETM |
Dual-Channel, 10-Bit, 65Msps ADC
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX1127EGK |
Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
|
Maxim Integrated Products, Inc.
|
MAX1127EGK MAX1127 |
Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
|
MAXIM[Maxim Integrated Products]
|
LTC2273 LTC2272 |
(LTC2272 / LTC2273) 80Msps/65Msps Serial Output ADC
|
Linear Technology
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
MAX1162 MAX1162ACUB MAX1162CE_B MAX1162AC_B MAX116 |
16-Bit, 5V, 200ksps ADC with 10A Shutdown 16-Bit, 5V, 200ksps ADC with 10レA Shutdown "16-Bit, 5V, 200ksps ADC with 10?A Shutdown" IC,A/D CONVERTER,SINGLE,16-BIT,BICMOS,TSSOP,10PIN 16-Bit, 5V, 200ksps ADC with 10μA Shutdown 16-Bit, 5V, 200ksps ADC with 10?? Shutdown
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc ADC
|
LTC1605ACSW LTC1605ACG LTC1605AISW LTC1605IG LTC16 |
16-Bit/ 100ksps/ Sampling ADC 8-Bit, 45.5 kSPS ADC Serial Out, Low Power, Compatible to TLC540/545/1540, Single Ch. 8-SOIC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7823 AD7823YN AD7823YR AD7823YRM |
1.2V, 12 Bit 200KSPS, Serial ADC 6-SOT-23 -40 to 85 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
|
Analog Devices, Inc. AD[Analog Devices]
|
|