PART |
Description |
Maker |
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
HT7523-1 HT7540-1 |
(HT75xx-1) 100mA Low Power LDO
|
Holtek Semiconductor
|
MAX5091BATAT MAX5091AATAT MAX5091AASA MAX5091BASA |
28V, 100mA, Low-Quiescent-Current LDO with Reset and Power-Fail Input/Output
|
Maxim Integrated Products
|
LT1761MPS5-1.8 LT1761ES5-1.2 |
100mA, Low Noise,LDO Micropower Regulators in SOT-23
|
Linear Technology
|
ILC7071 ILC7071AIM5-28 ILC7071AIM5-30 ILC7071AIM5- |
100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR 100mA的采用SOT - 23 - 5超低噪音的CMOS射频LDO稳压
|
Impala Linear Corporati... IMPALA[Impala Linear Corporation]
|
EVNB679 EVNB679-D-00A |
26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
|
Monolithic Power System...
|
MIC5233-1.8YM5TR |
IC REG LDO 100MA 1.8V SOT23-5 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO5
|
Micrel Semiconductor, Inc.
|
LP2950-02YZ |
Voltage Regulator IC; Package/Case:3-TO-92; Current Rating:100mA; Output Voltage Max:5V; Voltage Regulator Type:Low Dropout (LDO); Mounting Type:Through Hole RoHS Compliant: Yes 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
ECU-V1H103KBV ILC7080AIM5-285 ILC7080AIM5-30 ILC70 |
50/100M SOT-23 CMOS RF LDO REGULATORS 50mA CMOS RF-LDO regulator 100mA CMOS RF-LDO regulator
|
Impala Linear Corporation
|
ILE4264-2 |
5-V/100MA LOW POWER LOW-DROP FIXED-VOLTAGE REGULATOR WITH LOW CURRENT CONSUMPTION
|
IK Semicon Co., Ltd
|
ILE4264-2GET |
5-V/100mA Low Power Low-Drop Fixed-Voltage Regulator with low current consumption
|
IK Semicon Co., Ltd
|
P4KE18A P4KE22CA P4KE130CA |
Single Output LDO, 100mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 125 硅雪崩二极管- 400W轴向引线型瞬态电压Supressors Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors 硅雪崩二极管- 400W轴向引线型瞬态电压Supressors Single Output LDO, 750mA, Adj.(1.5 to 5.5V), Fast Transient Response 20-HTSSOP -40 to 125 硅雪崩二极管- 400W轴向引线型瞬态电压Supressors
|
Littelfuse, Inc.
|
|