PART |
Description |
Maker |
EF68B50J EF68B50CV EF68B50JV EF6850FN EF6850C EF68 |
EIA/ITU PABX SLIC with 40mA Loop Feed; Temperature Range: 0°C to 70°C; Package: 24-SOIC Low Power SLIC with Battery Switch; Temperature Range: -40°C to 85°C; Package: 28-PLCC ITU CO/PABX SLIC with Low Power Standby; Temperature Range: 0°C to 70°C; Package: 28-PLCC Extended Reach Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC Communications Interface 通信接口 Low Power SLIC with Battery Switch; Temperature Range: -40°C to 85°C; Package: 28-PLCC 通信集成电路 Telecommunication IC 通信集成电路
|
TE Connectivity, Ltd.
|
L9215A LUCL9215AAU-DT LUCL9215AAU LUCL9215AAU-D |
Short-Loop Sine Wave Ringing SLIC CAP CER 2200PF 3.15KVDC R3 RAD GT 14C 12# 2#16 PIN RECP WALL GT 3C 3#0 PIN RECP WALL RM TELECOM-SLIC, PQCC32 Short-loop sine wave ringing SLIC. Gain = 8.
|
Agere Systems
|
STLC30R80 |
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HC55171B HC55171BIB HC55171BIM |
Low Cost 5 REN Ringing SLIC for ISDN Modem/TA and WL TELECOM-SLIC, PDSO28
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HC1-5502B-5 HC1-5502B-9 HC4P5502B-5 HC3-5502B-5 HC |
EIA/ITU PABX SLIC with 30mA Loop Feed
|
INTERSIL[Intersil Corporation]
|
L7585F LUCL7585FP-D LUCL7585FP-DT LUCL7585FP |
Full-feature, low-power SLIC and switch Full-FeatureLow-Power SLIC and Switch Full-Feature/Low-Power SLIC and Switch Full-Feature,Low-Power SLIC and Switch
|
AGERE[Agere Systems]
|
MH88617 |
Short loop SLIC with 2-4 wire conversion, Programmable line impedance, ringing amplification and On-hook transmission for DID
|
Zarlink Semiconductor
|
MS140132KT |
MC1420233, MC1430132 Short Haul Loop Dual PCM Codec-Filter/SLIC Chipset with SPI Interface
|
Motorola
|
SI3232-FQ SI3232-G-GQ SI3232-BQ SI3232-G-FQ SI3232 |
DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING 两个可编程的CMOS用户接口与在线监 TELECOM-SLIC, PDSO16 TELECOM-SLIC, PQFP64
|
Electronic Theatre Controls, Inc. Silicon Laboratories Inc.
|
HC5503PRI HC5503PRIB HC5503PRIBZ |
Low Cost SLIC For Large Telecom Switches TELECOM-SLIC, PDSO24
|
Intersil, Corp. Intersil Corporation
|
L8574D |
Resistive Subscriber Line Interface Circuit (SLIC), Ring Relay, and Protector (SRP) for Long Loop and TR-57 Applications(长环路和TR-57应用的电阻性用户线接口,振铃继电器和保护器)
|
Lineage Power
|
L7597 |
Resistive Subscriber Line Interface Circuit (SLIC), Ring Relay, and Protector (SRP) for Short Loop and TA-909 Applications(用于短环路和TA-909的电阻性用户线接口、振
|
Lineage Power
|