PART |
Description |
Maker |
FX50KMJ-06 |
MITSUBISHI Pch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
FX30KMJ-03 |
MITSUBISHI Pch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
FX20KMJ-06 |
MITSUBISHI Pch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Powerex Power Semiconductors
|
QS8J4FRA QS8J4FRATR |
-30V Pch Pch Middle Power MOSFET
|
ROHM
|
SP8J5FRATB |
4V Drive Pch Pch MOSFET (Corresponds To AEC-Q101)
|
ROHM
|
FAN2500_FAN2501 FAN2501S25 FAN2501S28 FAN2500X25 F |
Pch Power MOSFET; ; Package: TPS; R DS On (Ω): (max 0.2) (max 0.12); I_S (A): (max -5) Pch Power MOSFET; Surface Mount Type: N; Package: PW-MINI; R DS On (Ω): (max 0.76) (max 0.45); I_S (A): (max -2) From old datasheet system 100 mA CMOS LDO Regulators
|
Fairchild Semiconductor
|
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
FS70KM-2 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE 70 A, 100 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220FN
|
Powerex Power Semicondu... Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
FS30ASH-06 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE ER 8C 8#16 PIN RECP LINE 30 A, 60 V, 0.03 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Powerex Power Semiconductor... Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
RZQ045P01 RZQ045P01TR |
1.5V Drive Pch MOSFET 4.5 A, 12 V, 0.035 ohm, P-CHANNEL, Si, POWER, MOSFET TSMT6, 6 PIN
|
Rohm Xiamen Hongfa Electroacoustic Co., Ltd.
|
FS16UM-9 |
16 A, 450 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB MITSUBISHI Nch POWER MOSFET
|
Renesas Electronics Corporation
|
TT8J21 TT8J2109 |
1.5V Drive Pch Pch MOSFET
|
http:// Rohm
|