PART |
Description |
Maker |
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
MD80C88_B MD80C88/B IP80C88-2 CP80C88 CS80C88 P80C |
16-BIT, 5 MHz, MICROPROCESSOR, CDIP40 16-BIT, 5 MHz, MICROPROCESSOR, PQCC44 CMOS 8-/16-Bit Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, PDIP40
|
Intersil Corporation
|
MR80C86-2B 8405202QA |
CMOS 16-Bit Microprocessor 的CMOS 16位微处理 MB 31C 31#16 SKT REP 16-BIT, 8 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
TS68020MF1B/C20 TS68020MFB/C20 TS68020MR1B/C20 TS6 |
HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 25 MHz, MICROPROCESSOR, CPGA114 MB 41C 27#20 14#16 SKT RECP 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CQFP132 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 32-BIT, 16.67 MHz, MICROPROCESSOR, CPGA114 HCMOS 32-bit Virtual Memory Microprocessor 32-BIT, 20 MHz, MICROPROCESSOR, CQFP132 CAP 33PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle CAP 47PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 STANDOFF CAP 68PF 200V 200V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 T1/E1 Transformer HCMOS 32-bit Virtual Memory Microprocessor
|
http:// Atmel, Corp. Atmel Corp. ATMEL Corporation
|
RC64474 RC64475 79RC64474_DS_53993 IDT79RC64V47425 |
Low Cost 64-Bit RISC CPU **NOT RECOMMENDED FOR NEW DESIGNS** RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP128 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 RISControllerTM嵌入4位的基础RISCore4000微处理器 RISControllerTM Embedded 64-bit Microprocessor, based on RISCore4000 64-BIT, 250 MHz, RISC PROCESSOR, PQFP208 RISControllerTM Embedded 64-bit Microprocessor based on RISCore4000 From old datasheet system Low Cost 64-Bit RISC CPU w/32-Bit Bus
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MC68000P12F MC68008FN12 MC68010CLC16 MC68000CLC12F |
32-BIT, 16.67 MHz, MICROPROCESSOR, PDIP64 PLASTIC, DIP-64 32-BIT, 12 MHz, MICROPROCESSOR, PDIP64 PLASTIC, DIP-64 32-BIT, 12 MHz, MICROPROCESSOR, PQCC52 32-BIT, 16.67 MHz, MICROPROCESSOR, CDIP64
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
IS80C286-12 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 12.5 MHz, MICROPROCESSOR, PQCC68
|
Intersil, Corp.
|
RM5231A RM5231A-250-H RM5231A-300-H RM5231A-300-HI |
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus RM5231A⑩ Microprocessor with 32-Bit System Bus Data Sheet Preliminary RM5231A Microprocessor with 32-Bit System Bus Data Sheet Preliminary
|
PMC[PMC-Sierra, Inc]
|
MCF5208EC MCF5208CAB166 MCF5207CAG166 MCF5207CVM16 |
ColdFire垄莽 Microprocessor ColdFire庐 Microprocessor ColdFire? Microprocessor Microprocessor Data Sheet
|
Freescale Semiconductor... Freescale Semiconductor, Inc
|
80C286 CG80C286-12 CG80C286-16 CG80C286-20 IG80C28 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 10 MHz, MICROPROCESSOR, CPGA68 ADAPT F FMALE-PUSH 0N MALE 75OHM From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ICL8068 ICL8068ACDD ICL8068CDD ICL8052 ICL8052ACDD |
14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter 14-Bit/16-Bit, Microprocessor-Compatible,2-Chip, A/D Converter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
|