PART |
Description |
Maker |
2SD1055 2SD1766 D1758 2SD1758 2SD1919 2SD1862 A580 |
Medium Power Transistor (32V, 2A) 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR Medium Power Transistor 32V/ 2A Medium Power Transistor 32V, 2A Medium Power Transistor 32V 2A From old datasheet system
|
ROHM[Rohm] Rohm CO.,LTD.
|
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
MPSA05 MMBTA05 MPSA05RA |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN Medium Power Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ZTX1056 ZTX1056A UZTX1056A |
3000 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
ZETEX PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
FMMT491 FMMT491TA |
Medium power NPN transistor in SOT23 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN
|
Diodes Incorporated Diodes, Inc.
|
SG2824J_DESC SG28XXL_883B JAN2801J JAN2802J JAN280 |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS Driver - Medium Current Array; Package: LCC; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.5 A, 95 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: LCC; 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR
|
Microsemi, Corp. http:// Microsemi Corporation
|
BCP56-10T1 BCP56-16T1 ON0172 BCP56-10T3 |
1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-261AA From old datasheet system MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
|
MOTOROLA INC ON Semiconductor
|
2SD214309 2SD1866TV2 |
Medium Power Transistor (Motor, Relay drive) (60隆戮10V, 2A) Medium Power Transistor (Motor, Relay drive) (60±10V, 2A) 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rohm
|
2N2369ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
MJE13002 MJE13003 |
1.400W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 1.500A Ic, 8 - 40 hFE. NPN EPITAXIAL SILICON POWER TRANSISTORS
|
Continental Device India Limited
|
2SD2425 2SD2425AB3 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-243VAR NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING Low freq. power amp., medium-speed switching transistor
|
NEC Corp. NEC Electronics NEC[NEC]
|
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|