PART |
Description |
Maker |
AT29C1024-70 AT29C1024-15 AT29C1024-12TC AT29C1024 |
8-Bit Shift Registers With 3-State Output Registers 16-SOIC -55 to 125 8-Bit Shift Registers With 3-State Output Registers 16-SSOP -55 to 125 1 Megabit 64K x 16 5-volt Only CMOS Flash Memory 1兆位64K的16 5伏只有闪存的CMOS 1 Megabit 64K x 16 5-volt Only CMOS Flash Memory 64K X 16 FLASH 5V PROM, 70 ns, PQCC44
|
Atmel Corp. Atmel, Corp. Electronic Theatre Controls, Inc.
|
HD74LS166A |
8-bit Shift Registers
|
HITACHI[Hitachi Semiconductor]
|
HD74LS91 |
8-bit Shift Registers
|
HITACHI[Hitachi Semiconductor]
|
SN74LS166D |
8-BIT SHIFT REGISTERS
|
Motorola, Inc
|
HCF4021M013TR HCF4021 HCF4021B HCF4021BEY HCF4021B |
ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER 异步平行或同步串串行输出8 -第一阶段静态移位寄存器 8-STAGE STATIC SHIFT REGISTERS 8-STAGE STATIC SHIFT REGISTERS
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
54LS164 |
8-Bit Parallel-Out Serial Shift Registers
|
Signetics
|
74AHCT164S14-13 |
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
|
Diodes
|
MTC16 MM74HC595 MM74HC595_04 MM74HC595M MM74HC595M |
8-Bit Shift Registers with Output Latches
|
FAIRCHILD[Fairchild Semiconductor]
|
HD74LS195A SN74LS19 74LS195 |
4-bit Parallel-Access Shift Registers
|
HITACHI[Hitachi Semiconductor]
|
SN74HC165PWR |
ti SN74HC165, 8-Bit Parallel-load Shift Registers
|
TI
|
AM2833 AM2833PC AM2833DM AM2533 AM2533DC AM2533V A |
Voltage Regulator IC; Output Current:150mA; Output Voltage:2.5V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.5V 1024 Bit Static Shift Registers 1024-Bit Static Shift Registers
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
MM74HC589 MM74HC589SJ MM74HC589M MM74HC589N |
8-Bit Shift Registers with Input Latches and 3-STATE Serial Output
|
FAIRCHILD[Fairchild Semiconductor]
|