PART |
Description |
Maker |
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
IRLML5103 IRLML5103PBF IRLML5103TR |
-30V Single P-Channel HEXFET Power MOSFET in a Micro 3 package Power MOSFET(Vdss=-30V, Rds(on)=0.60ohm)
|
IRF[International Rectifier]
|
IRLML2803 IRLML2803TR IRLML2803PBF |
30V Single N-Channel HEXFET Power MOSFET in a Micro 3 package Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
|
IRF[International Rectifier]
|
IRF3707 IRF3707L IRF3707S IRF3707PBF IRF3707STRL I |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V Rds(on)max=12.5mohm Id=62A) Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A) Power MOSFET(Vdss=30V/ Rds(on)max=12.5mohm/ Id=62A)
|
IRF[International Rectifier]
|
IRF7413A IRF7413ATR |
Power MOSFET(Vdss=30V/ Rds(on)=0.0135ohm) Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm) 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
NTD4909N-35G NTD4909N-1G |
Power MOSFET, Single N-CH 30V, IPAK Trimmed Leads 8.8 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET 8.8 A, 30 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRF3709ZCL IRF3709ZCS |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|