PART |
Description |
Maker |
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
IRFR3709ZPBF IRFU3709ZPBF IRFR3709ZTRR IRFR3709ZTR |
30 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mヘ , Qg = 17nC ) HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mΩ , Qg = 17nC ) High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF1730G IRFI730G IRFI730GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=3.7A) Power MOSFET(Vdss=400V/ Rds(on)=1.0ohm/ Id=3.7A)
|
IRF[International Rectifier]
|
IRFI9634G |
-250V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V Rds(on)=1.0ohm Id=-4.1A) Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
|
IRF[International Rectifier]
|
IRFR9024N IRFU9024N IRFRU9024N IRFR9024NTR IRFR902 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A) HEXFET? Power MOSFET Power MOSFET(Vdss=-55V Rds(on)=0.175ohm Id=-11A) P Channel Surface Mount HEXFET Power MOSFET(P沟道表贴型HEXFET功率MOS场效应管) P通道表面贴装HEXFET功率MOSFET的性(P沟道表贴型的HEXFET功率马鞍山场效应管)
|
http:// IRF[International Rectifier] International Rectifier, Corp.
|
IRFR9120NPBF IRFU9120NPBF IRFR9120NTR IRFR9120NTRL |
6.6 A, 100 V, 0.48 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-251AA 6.6 A, 100 V, 0.48 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48Ω , ID = -6.6A ) HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48ヘ , ID = -6.6A ) ULTRA LOW ON RESISTANCE
|
International Rectifier
|
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRL530NLPBF IRL530NSPBF IRL530NPBF |
Adavanced Process Technology HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10ヘ , ID=17A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10Ω , ID=17A )
|
International Rectifier
|
IRFD9120 |
-100V Single P-Channel HEXFET Power MOSFET in a HEXDIP package Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A) Power MOSFET(Vdss=-100V Rds(on)=0.60ohm Id=-1.0A) HEXFET? Power MOSFET Power MOSFET(Vdss=-100V/ Rds(on)=0.60ohm/ Id=-1.0A)
|
IRF[International Rectifier]
|
IRLZ34NLPBF IRLZ34NSPBF |
Fast Switching HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035ヘ , ID = 30A ) HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035Ω , ID = 30A )
|
International Rectifier
|
IRFR214 IRFU214 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
|
IRF[International Rectifier]
|