PART |
Description |
Maker |
PCC-2 |
PC Board Fuse; Current Rating:3A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Leaded Process Compatible:No; Body Material:Plastic; Diameter:8.12mm; Fuse Size/Group:8.89 x 8.12 mm; Fuse Type:Fast Acting; Length:8.89mm
|
COOPER INDUSTRIES
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
ST72T331N2T3 ST72T331N4T6 |
Leaded Cartridge Fuse; Current Rating:1.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Body Material:Glass; Diameter:4.5mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:No; Length:14.48mm 8位微控制
|
STMicroelectronics N.V.
|
Z86B0712PEC |
Leaded Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
Pasternack Enterprises, Inc.
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
ESD4 ESD2 ESD6 ESD20 ESD10 |
Fuse ELECTRIC FUSE, 10A, 550VAC, 250VDC, 80000A (IR), INLINE/HOLDER
|
COOPER INDUSTRIES
|
221 215.200 215.250 215.315 215.400 215.500 215.63 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
|
LITTELFUSE[Littelfuse]
|
SPF002 SPF030 SPF030R SPF005 |
ELECTRIC FUSE, 5A, 1000VDC, 20000A (IR), INLINE/HOLDER Solar Rated Midget Fuse
|
Littelfuse
|
218005P |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
|
http://
|
215630P |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
|
Littelfuse, Inc.
|