PART |
Description |
Maker |
BCM43340 BCM43340HKUBG BCM43340XKUBG |
Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
|
Cypress Semiconductor
|
CC2420 CC2420DK CC2420DBK CC2420/TR |
LC2MOS 5 O RON SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 2.4 GHz IEEE 802.15.4标准/ ZigBee功能的RF收发 2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee功能RF收发
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
CC2530F64RHAR CC2530F64RHAT CC2530F128 CC2530F128R |
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
|
Aplus Intergrated Circuits
|
TNT4882 |
Single-Chip IEEE 488.2 Talker/Listener ASIC
|
Panjit International Inc Pan Jit International Inc.
|
BCM43243KFFBG |
Single-Chip IEEE 802.11 a/b/g/n 2×2 MAC/Baseband/Radio
|
Cypress Semiconductor
|
WILC1000-14 |
Single Chip IEEE 802.11 b/g/n Link Controller SOC
|
ATMEL Corporation
|
MRF24J40-IMM MICROCHIPTECHNOLOGYINC.-MRF24J40-IMM |
IEEE 802.15.42.4 GHz RF Transceiver IEEE 802.15.4标准.4 GHz射频收发
|
Microchip Technology Inc. Microchip Technology, Inc.
|
BCM43143KMLGT |
Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
|
Cypress Semiconductor
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|